Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM36A Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TSM36A Datasheet PDF - Texas Instruments
Part # TSM36A
Download  TSM36A Download
File Size   956.54 Kbytes
Page   17 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TSM36A Surge Protection Device in SOT-23 Package

TSM36A Datasheet (PDF)

Go To PDF Page Download Datasheet
TSM36A Datasheet PDF - Texas Instruments

Part # TSM36A
Download  TSM36A Click to download

File Size   956.54 Kbytes
Page   17 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TSM36A Surge Protection Device in SOT-23 Package

TSM36A Datasheet (HTML) - Texas Instruments


TSM36A Product details

1 Features
• Undirectional surge protection against 1.7 kV, 42 Ω
IEC 61000-4-5 surge test for industrial signal lines
• Robust surge protection:
– IEC61000-4-5 (8/20 μs): 41 A
• Low clamping voltage of 55 V at 25 A for 8/20 μs
surge current protects downstream components
• 36 V working voltage for protecting signals on 24-V
systems
• Low leakage current of 1 μA
• Low dynamic resistance of 0.6 Ω
• Integrated level 4 IEC 61000-4-2 ESD protection
• 30-kV ESD protection (IEC 61000-4-2)
• SOT-23 (DBZ) small, standard, common footprint
• Leaded package used for automatic optical
inspection (AOI)

2 Applications
• Industrial sensors
• IO link
• PLC I/O modules
• 24-V power lines or digital input or output lines
• 4/20-mA loops
• Appliances
• Medical equipment
• Motor drivers

3 Description
The TSM36A is a part of TI's surge protection device
family. The TSM36A robustly shunts up to 41 A of
IEC 61000-4-5 fault current to protect systems from
high power transients or lightning strikes. The device
offers a solution to the common industrial signal
line EMC requirement to survive up to 1.7 kV IEC
61000-4-5 open circuit voltage coupled through a 42
Ω impedance. The TSM36A clamps during a surge
event, assuring system exposure below 55 V at I PP =
25 A.
Additionally, the TSM36A is available in a
small leaded SOT-23 (DBZ) package which is
approximately 50 percent reducted in size compared
to the industry standard SMA package. The extremely
low device leakage and capacitance ensures a
minimal effect on the protected line.
For more information on the other devices in the
surge family, see the products at this link.




Similar Part No. - TSM36A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSM36A TI-TSM36A Datasheet
1Mb / 20P
TSM36A Surge Protection Device in SOT-23 Package
REVISED OCTOBER 2022
TSM36A TI2-TSM36A Datasheet
1,014Kb / 16P
TSM36A-Q1 Automotive Surge Protection Device in SOT-23 Package
JANUARY 2025
TSM36A-Q1 TI2-TSM36A-Q1 Datasheet
1,014Kb / 16P
TSM36A-Q1 Automotive Surge Protection Device in SOT-23 Package
JANUARY 2025
TSM36A-Q1 TI2-TSM36A-Q1 Datasheet
2Mb / 15P
TSM36CA-Q1 Automotive Bidirectional Surge Protection Device in SOT-23
JANUARY 2025
TSM36ADBZR TI-TSM36ADBZR Datasheet
1Mb / 20P
TSM36A Surge Protection Device in SOT-23 Package
REVISED OCTOBER 2022
More results


Similar Description - TSM36A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UESD3.3DT5G ONSEMI-UESD3.3DT5G Datasheet
36Kb / 4P
ESD Protection Diodes - In Ultra Small SOT??23 Package
April, 2005 ??Rev. 0
logo
KEC(Korea Electronics)
BAV99 KEC-BAV99 Datasheet
372Kb / 1P
SOT-23 PACKAGE
BCW29 KEC-BCW29_98 Datasheet
349Kb / 1P
SOT-23 PACKAGE
BCW31 KEC-BCW31_98 Datasheet
349Kb / 1P
SOT-23 PACKAGE
KDR393S KEC-KDR393S_06 Datasheet
16Kb / 1P
SOT-23 PACKAGE
KDR721S KEC-KDR721S_05 Datasheet
16Kb / 1P
SOT-23 PACKAGE
KDV153 KEC-KDV153_02 Datasheet
349Kb / 1P
SOT-23 PACKAGE
KTC3770S_0309 KEC-KTC3770S_0309 Datasheet
376Kb / 1P
SOT-23 PACKAGE
logo
Texas Instruments
TSM36A TI-TSM36A_V01 Datasheet
1Mb / 20P
TSM36A Surge Protection Device in SOT-23 Package
REVISED OCTOBER 2022
TSM24B TI-TSM24B Datasheet
1Mb / 14P
TSM24B Unidirectional Surge Protection Device in SOT-23
REVISED OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com