Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM36A Datasheet (PDF) - Texas Instruments

TSM36A Datasheet PDF - Texas Instruments
Part # TSM36A
Download  TSM36A Download
File Size   1014.08 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TSM36A-Q1 Automotive Surge Protection Device in SOT-23 Package

TSM36A Datasheet (PDF)

Go To PDF Page Download Datasheet
TSM36A Datasheet PDF - Texas Instruments

Part # TSM36A
Download  TSM36A Click to download

File Size   1014.08 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TSM36A-Q1 Automotive Surge Protection Device in SOT-23 Package

TSM36A Datasheet (HTML) - Texas Instruments


TSM36A Product details

1 Features
• ISO 10605 (330pF, 330Ω) ESD protection:
– ±30kV contact discharge
– ±30kV air gap discharge
• IEC61000-4-5 surge protection:
– 41A (8/20μs)
– Clamping voltage: 50V at 25A (8/20μs)
• Low leakage current: 1μA (maximum)
• Temperature range: -55°C to +150°C
• AEC-Q101 qualified
• Leaded package used for automatic optical
inspection (AOI)

2 Applications
• I/O Protection
• Power Line Protection
• Body Electronics & Lighting
• Hybrid, Electric, & Powertrain Systems

3 Description
The TSM36A-Q1 is a 36V, unidirectional TVS
protection diode designed for clamping harmful
transients such as ESD and surge. The TSM36A-Q1
robustly shunts up to 41A of IEC 61000-4-5 fault
current to protect systems from high power transients
or lightning strikes.
Additionally, the TSM36A-Q1 is available in a small
leaded SOT-23 (DBZ) package which is reduced in
size by approximately 50 percent compared to the
industry standard SMA package. The extremely low
device leakage and capacitance ensures a minimal
effect on the protected line.




Similar Part No. - TSM36A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSM36A TI-TSM36A Datasheet
956Kb / 17P
TSM36A Surge Protection Device in SOT-23 Package
JUNE 2022
TSM36A TI-TSM36A Datasheet
1Mb / 20P
TSM36A Surge Protection Device in SOT-23 Package
REVISED OCTOBER 2022
TSM36A-Q1 TI2-TSM36A-Q1 Datasheet
2Mb / 15P
TSM36CA-Q1 Automotive Bidirectional Surge Protection Device in SOT-23
JANUARY 2025
TSM36ADBZR TI-TSM36ADBZR Datasheet
1Mb / 20P
TSM36A Surge Protection Device in SOT-23 Package
REVISED OCTOBER 2022
TSM36A TI-TSM36A_V01 Datasheet
1Mb / 20P
TSM36A Surge Protection Device in SOT-23 Package
REVISED OCTOBER 2022
More results


Similar Description - TSM36A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UESD3.3DT5G ONSEMI-UESD3.3DT5G Datasheet
36Kb / 4P
ESD Protection Diodes - In Ultra Small SOT??23 Package
April, 2005 ??Rev. 0
logo
KEC(Korea Electronics)
BAV99 KEC-BAV99 Datasheet
372Kb / 1P
SOT-23 PACKAGE
logo
Texas Instruments
TPS61040-Q1 TI-TPS61040-Q1_V01 Datasheet
707Kb / 28P
TPS6104x-Q1 Low-Power DC-DC Boost Converter in SOT-23 Package
REVISED MARCH 2016
TSM36A TI-TSM36A Datasheet
956Kb / 17P
TSM36A Surge Protection Device in SOT-23 Package
JUNE 2022
TSM36A TI-TSM36A_V01 Datasheet
1Mb / 20P
TSM36A Surge Protection Device in SOT-23 Package
REVISED OCTOBER 2022
TSM24A-Q1 TI-TSM24A-Q1 Datasheet
1,008Kb / 17P
TSM24A-Q1 24 V Unidirectional Surge Diode for Automotive Networks in SOT-23 Package
JUNE 2023
TSM24CA-Q1 TI-TSM24CA-Q1 Datasheet
848Kb / 14P
TSM24CA-Q1 ±24 V Low Capacitance Surge Diode for Automotive Networks in SOT-23 Package
JUNE 2023
TSM24B TI-TSM24B Datasheet
1Mb / 14P
TSM24B Unidirectional Surge Protection Device in SOT-23
REVISED OCTOBER 2023
TSM24A-Q1 TI-TSM24A-Q1_V01 Datasheet
878Kb / 12P
TSM24A-Q1 24 V Unidirectional Surge Diode for Automotive Networks in SOT-23 Package
REVISED OCTOBER 2023
TSM24CA-Q1 TI-TSM24CA-Q1_V01 Datasheet
1Mb / 13P
TSM24CA-Q1 ±24 V Low Capacitance Surge Diode for Automotive Networks in SOT-23 Package
REVISED OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com