Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSS Datasheet (PDF) - Samtec, Inc

SFSS Datasheet PDF - Samtec, Inc
Part # SFSS
Download  SFSS Download
File Size   658.17 Kbytes
Page   2 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description (1.27 mm) .050" PITCH • DISCRETE WIRE ASSEMBLY/COMPONENTS

SFSS Datasheet (PDF)

Go To PDF Page Download Datasheet
SFSS Datasheet PDF - Samtec, Inc

Part # SFSS
Download  SFSS Click to download

File Size   658.17 Kbytes
Page   2 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description (1.27 mm) .050" PITCH • DISCRETE WIRE ASSEMBLY/COMPONENTS

SFSS Datasheet (HTML) - Samtec, Inc




Similar Part No. - SFSS

ManufacturerPart #DatasheetDescription
logo
C&K Components
SFS CK-COMPONENTS-SFS Datasheet
164Kb / 3P
Mid-Travel, Soft Sound Tact Switch
1 Dec 20
logo
Eravant
SFS-03-UEB ERAVANT-SFS-03-UEB Datasheet
435Kb / 3P
J-Band Subharmonically Pumped Mixer, 220 to 330 GHz
Rev 1.2
SFS-04-UEB ERAVANT-SFS-04-UEB Datasheet
265Kb / 2P
WR-04 Subharmonically Pumped Mixer, 170 to 260 GHz
Rev 1.1
SFS-08-N1 ERAVANT-SFS-08-N1 Datasheet
349Kb / 3P
F-Band Sub-harmonically Pumped Mixer, 90 to 140 GHz
Rev 1.0
SFS-08-N3 ERAVANT-SFS-08-N3 Datasheet
353Kb / 2P
F-Band Subharmonically Pumped Mixer, 90 to 140 GHz
Rev 1.1
More results


Similar Description - SFSS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
IPL1-102-02-S-D SAMTEC-IPL1-102-02-S-D Datasheet
404Kb / 1P
DISCRETE WIRE COMPONENTS & TOOLING
ISDF-10-D-M SAMTEC-ISDF-10-D-M Datasheet
658Kb / 1P
DISCRETE WIRE COMPONENTS TOOLING
YFS-30-03-H-05-SB SAMTEC-YFS-30-03-H-05-SB Datasheet
753Kb / 2P
.050[1.27] MULTI-ROW SOCKET ASSEMBLY
ISD2-05-D-M SAMTEC-ISD2-05-D-M Datasheet
529Kb / 1P
DISCRETE WIRE COMPONENTS & TOOLING
CLP SAMTEC-CLP Datasheet
252Kb / 1P
(1.27 mm) .050" PITCH • CLP SERIES
2021
SESDT SAMTEC-SESDT Datasheet
333Kb / 1P
(0.80 mm) .0315" PITCH • DISCRETE WIRE CABLE ASSEMBLY/COMPONENTS
SFC SAMTEC-SFC Datasheet
324Kb / 1P
(1.27 mm) .050
T1M44-X-XXXX-01-XX SAMTEC-T1M44-X-XXXX-01-XX Datasheet
237Kb / 2P
.050" C.L. DISCRETE WIRE TERMINAL
12/21/2007
PMSD SAMTEC-PMSD Datasheet
257Kb / 1P
(4.19 mm) .165" PITCH • DISCRETE WIRE CABLE & COMPONENTS
FFSD SAMTEC-FFSD Datasheet
275Kb / 1P
TIGER EYE™ FLAT IDC WIRE CABLES (1.27 mm) .050" PITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com