Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSS Datasheet(PDF) 2 Page - Samtec, Inc

Part # SFSS
Description  (1.27 mm) .050" PITCH • DISCRETE WIRE ASSEMBLY/COMPONENTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SFSS Datasheet(HTML) 2 Page - Samtec, Inc

  SFSS Datasheet HTML 1Page - Samtec, Inc SFSS Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
View complete specifications at:
samtec.com?SFSD & samtec.com?SFSDT
(1.27 mm) .050" PITCH • DISCRETE WIRE ASSEMBLY/COMPONENTS
SFSD(T)
Board Mates:
TFM, TFC
(–SR & –DR requires
–WT option)
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
samtec.com/127mm-TigerEye
SPECIFICATIONS
Insulator Material:
Black LCP
Contact Material:
BeCu
Plating:
Au over 50 µ" (1.27 µm) Ni
Current Rating:
2.9 A per pin
(2 pins powered)
Operating Temp Range:
-10 °C to +80 °C (PVC)
-40 °C to +125 °C (*Teflon®)
Voltage Rating:
275 VAC (PVC)
235 VAC (*Teflon®)
Wire:
28 or 30 AWG
View complete specifications at:
samtec.com?ISDF, samtec.com?CC03R & samtec.com?CC03M
(3.81)
.150
(15.37)
.605
SERIES
- WIRE
GAUGE
- 01 - PLATING
CC03R
= Contact, Full Reel
(35,000 Parts per Reel)
CC03M
= Contact, Mini Reel
(1,000 - 5,000 Parts
per Reel)
–2830
= 28 to 30
AWG
–GF
= Gold flash
contact
–G
= 10 µ" (0.25 µm)
Gold on contact
TOOLING
Hand Tool: CAT-HT-203-2830-12
Mini Applicator: CAT-MC-203-2830-XX-01
Clamp for mounting hand tool: CAT-HT-MNT-01
Extraction Tool: CAT-EX-169-01
Note:
Some lengths, styles and
options are non-standard,
non-returnable.
–M
–S
–D
–D–NUS
SFSD OR SFSDT
–SR
(6.35)
.250
No. of Positions
x (1.27) .050
+ (0.38) .015
(11.18)
.440
End 1 Notch
(Always Up)
Assembled
Length
± (3.18)
.125
End 2
notch
location
determined
by part
number
–28C CABLE
COLOR CODING
PIN
COLOR
1
BROWN
2
RED
3
ORANGE
4
YELLOW
5
GREEN
6
VIOLET
7
GRAY
8
WHITE
9
BLACK
10
BLUE
ETC
REPEAT
SERIES
- POSITIONS
PER ROW
- WIRE
GAUGE
- PLATING
OPTION
- ASSEMBLED
LENGTH
- END
OPTION
- END2
OPTION
SFSD
= Double Row
PVC Cable
SFSDT
= Double Row
Blue *Teflon® Cable
–03, –04, –05,
–07, –10, –15,
–20, –25, –40, –50
(Standard sizes)
–28
= 28 AWG
–28C
= Color
Coded Cable
(SFSD only)
–30
= 30 AWG
–G
= 10 µ"
(0.25 µm)
Gold on
contact,
Gold Flash
on balance
–“XX.XX”
= Assembled
Length in
Inches
(76.20 mm)
03.00" min. for
–S end option
(82.60 mm)
03.25" min. for
–D end option
–S
= Single Ended
–D
= Double Ended
For –(X) specify
“S” for single ended
and “D” for
double ended.
–(X)R
= Retention Latch
(TFM-WT option
required for mating)
–(X)S
= Screw Down
(Not available in -03,
-04 & -50 positions)
(Mates with
TFM-DS option)
Requires
–D, –DS, –DR
(End 1 Notch Up)
–NUS
= Notch up,
straight
(Pin 1 to Pin N-1)
–NDS
= Notch down,
straight
(Pin 1 to Pin 2)
–NUX
= Notch up,
crossed
(Pin 1 to Pin N)
–NDX
= Notch down,
crossed
(Pin 1 to Pin 1)
(11.18)
.440
No. of Positions
x (1.27) .050
+ (0.38) .015
(6.32)
.249
(6.35)
.250
ISDF
- POSITIONS
PER ROW
- ROW
OPTION
- OPTION
–03, –04, –05,
–07, –10, –15,
–20, –25, –40, –50
(Standard sizes)
–D
= Double
Row
–M
= Metal
Retention
Latch
–S
= Screw
Down
Notes:
Teflon® cable is intended
for crimp only. Contact
Samtec for solderable cable
applications.
For wiring option information
refer to drawings on web.
*DuPont™ Teflon® is a
registered trademark of the
E.I. du Pont de Nemours
and Company or its affiliates.
F-221



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com