Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS3101ML1 Datasheet (PDF) - Renesas Technology Corp

HS3101ML1 Datasheet PDF - Renesas Technology Corp
Part # HS3101ML1
Download  HS3101ML1 Download
File Size   693.35 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance Relative Humidity and Temperature Sensor Module

HS3101ML1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HS3101ML1 Datasheet PDF - Renesas Technology Corp

Part # HS3101ML1
Download  HS3101ML1 Click to download

File Size   693.35 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance Relative Humidity and Temperature Sensor Module

HS3101ML1 Datasheet (HTML) - Renesas Technology Corp


HS3101ML1 Product details

Features
■ Humidity range: 0% to 100%RH
■ Humidity accuracy: ±1.5%RH, typical (HS3101-ML1, 10 to 90%RH, 25°C)
■ Hydrophobic membrane, IP67 rating
■ 14-bit resolution: 0.01%RH, typical
■ Independent programmable resolution settings: 8, 10, 12, and 14 bits
■ Fast RH response time: 1 second time constant, typical (with 1 m/sec air flow), 4 seconds time constant, typical (in still air)
■ Temperature sensor accuracy: ±0.2°C, typical (HS3101, HS3102, -10 to +80°C)
■ Low current consumption: 1.0μA average (8-bit resolution, 1.8V supply), 24.4μA average (14-bit resolution, 3.3V supply), one RH and temperature measurement per second
■ Excellent stability against aging
■ Highly robust protection from harsh environmental conditions and mechanical shock
■ Very low power consumption




Similar Part No. - HS3101ML1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS3101 RENESAS-HS3101 Datasheet
819Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3101 RENESAS-HS3101 Datasheet
789Kb / 21P
High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
HS3101 RENESAS-HS3101 Datasheet
1Mb / 27P
High Performance Relative Humidity and Temperature Sensor with Digital Output
Jun 6, 2022
HS3101 RENESAS-HS3101 Datasheet
819Kb / 21P
High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
HS3101-MC1 RENESAS-HS3101-MC1 Datasheet
882Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
Mar 28, 2023 Rev.1.06
More results


Similar Description - HS3101ML1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS300X RENESAS-HS300X Datasheet
733Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3001 RENESAS-HS3001 Datasheet
785Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3101 RENESAS-HS3101 Datasheet
819Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3001-MC1 RENESAS-HS3001-MC1 Datasheet
700Kb / 19P
High Performance Relative Humidity and Temperature Sensor Module
Jul 12, 2022
HS3001-ML1 RENESAS-HS3001-ML1 Datasheet
692Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
Nov 8, 2021
HS3101 RENESAS-HS3101_V01 Datasheet
789Kb / 21P
High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
HS300X-MC1 RENESAS-HS300X-MC1 Datasheet
700Kb / 19P
High Performance Relative Humidity and Temperature Sensor Module
Jul 12, 2022
HS300X-ML1 RENESAS-HS300X-ML1 Datasheet
692Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
2021
HS310X RENESAS-HS310X Datasheet
819Kb / 21P
High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
HS310X-MCX RENESAS-HS310X-MCX Datasheet
882Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
Mar 28, 2023 Rev.1.06
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com