Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS3101 Datasheet (PDF) - Renesas Technology Corp

HS3101 Datasheet PDF - Renesas Technology Corp
Part # HS3101
Download  HS3101 Download
File Size   789.94 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance Relative Humidity and Temperature Sensor

HS3101 Datasheet (PDF)

Go To PDF Page Download Datasheet
HS3101 Datasheet PDF - Renesas Technology Corp

Part # HS3101
Download  HS3101 Click to download

File Size   789.94 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance Relative Humidity and Temperature Sensor

HS3101 Datasheet (HTML) - Renesas Technology Corp


HS3101 Product details

Features
Humidity range: 0% to 100%RH
Humidity accuracy: ±1.5%RH, typical (HS3101,
10 to 90%RH, 25°C)
Hydrophobic membrane, IP67 rating
14-bit resolution: 0.01%RH, typical
Independent programmable resolution settings: 8,
10, 12, 14 bits
Fast RH response time: 1 second time constant,
typical (with 1 m/sec air flow), 4 seconds time
constant, typical (in still air)
Temperature sensor accuracy: ±0.2°C, typical
(HS3101, HS3102, -10 to +80°C)
Low current consumption: 1.0μA average (8-bit
resolution, 1.8V supply), 24.4μA average (14-bit
resolution, 3.3V supply), one RH and temperature
measurement per second
Excellent stability against aging
Highly robust protection from harsh environmental
conditions and mechanical shock
Very low power consumption

Applications
Climate control systems
Home appliances
Weather stations
Industrial automation
Medical equipment




Similar Part No. - HS3101

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS3101 RENESAS-HS3101 Datasheet
819Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3101 RENESAS-HS3101 Datasheet
1Mb / 27P
High Performance Relative Humidity and Temperature Sensor with Digital Output
Jun 6, 2022
HS3101 RENESAS-HS3101 Datasheet
819Kb / 21P
High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
HS3101-MC1 RENESAS-HS3101-MC1 Datasheet
882Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
Mar 28, 2023 Rev.1.06
HS3101-MC2 RENESAS-HS3101-MC2 Datasheet
882Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
Mar 28, 2023 Rev.1.06
More results


Similar Description - HS3101

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS300X RENESAS-HS300X Datasheet
733Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3001 RENESAS-HS3001 Datasheet
785Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3101 RENESAS-HS3101 Datasheet
819Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3101ML1 RENESAS-HS3101ML1 Datasheet
693Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
Nov 8, 2021
HS3001-MC1 RENESAS-HS3001-MC1 Datasheet
700Kb / 19P
High Performance Relative Humidity and Temperature Sensor Module
Jul 12, 2022
HS3001-ML1 RENESAS-HS3001-ML1 Datasheet
692Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
Nov 8, 2021
HS300X-MC1 RENESAS-HS300X-MC1 Datasheet
700Kb / 19P
High Performance Relative Humidity and Temperature Sensor Module
Jul 12, 2022
HS300X-ML1 RENESAS-HS300X-ML1 Datasheet
692Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
2021
HS310X RENESAS-HS310X Datasheet
819Kb / 21P
High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
HS310X-MCX RENESAS-HS310X-MCX Datasheet
882Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
Mar 28, 2023 Rev.1.06
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com