Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA6T2 Datasheet (PDF) - Renesas Technology Corp

RA6T2 Datasheet PDF - Renesas Technology Corp
Part # RA6T2
Download  RA6T2 Download
File Size   1630.22 Kbytes
Page   93 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas Microcontrollers

RA6T2 Datasheet (PDF)

Go To PDF Page Download Datasheet
RA6T2 Datasheet PDF - Renesas Technology Corp

Part # RA6T2
Download  RA6T2 Click to download

File Size   1630.22 Kbytes
Page   93 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas Microcontrollers

RA6T2 Datasheet (HTML) - Renesas Technology Corp


RA6T2 Product details

■ Arm® Cortex®-M33 Core
● Armv8-M architecture with the main extension
● Maximum operating frequency: 240 MHz
● Arm Memory Protection Unit (Arm MPU)
– Protected Memory System Architecture (PMSAv8)
– Secure MPU (MPU_S): 8 regions
– Non-secure MPU (MPU_NS): 8 regions
● SysTick timer
– Embeds two SysTick timers: Secure and Non-secure instance
– Driven by LOCO or system clock
● CoreSight™ ETM-M33
■ Memory
● Up to 512-KB code flash memory
● 16-KB data flash memory (125,000 program/erase (P/E) cycles)
● 64-KB SRAM
■ Connectivity
● Serial Communications Interface (SCI) × 6
– Asynchronous interfaces
– 8-bit clock synchronous interface
– Smart card interface
– Simple IIC
– Simple SPI
– Simple LIN
– Manchester coding
● I2C bus interface (IIC) × 2
– Transfer at up to 3.2 Mpbs (high speed mode)
● Serial Peripheral Interface (SPI) × 2
● CAN with Flexible Data-rate (CANFD)
■ Analog
● 12-bit A/D Converter (ADC) × 2
– Sample-and-hold circuits × 6
– Programmable Gain Amplifier × 4
● High-Speed Analog Comparator (ACMPHS) × 4
● 12-bit D/A Converter (DAC12) × 4
● Temperature Sensor (TSN)
■ Timers
● General PWM Timer 32-bit (GPT32) with High Resolution × 4
– 156 ps resolution in 200 MHz
● General PWM Timer 32-bit (GPT32) × 6
● Low Power Asynchronous General Purpose Timer (AGT) × 2
■ Security and Encryption
● Secure Cryptographic Engine (SCE5)
– Symmetric algorithms: AES
– Hash-value generation: GHASH
– 128-bit unique ID
● Arm® TrustZone®
– Up to three regions for the code flash
– Up to two regions for the data flash
– Up to three regions for the SRAM
– Individual secure or non-secure security attribution for each
peripheral
● Device lifecyle management




Similar Part No. - RA6T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RA6T2 RENESAS-RA6T2 Datasheet
2Mb / 101P
Renesas Microcontrollers
Rev.1.50 Jul 2, 2025
RA6T2 RENESAS-RA6T2_V01 Datasheet
2Mb / 101P
Renesas Microcontrollers
Rev.1.50 Jul 2, 2025
More results


Similar Description - RA6T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
16C6N4 RENESAS-16C6N4 Datasheet
687Kb / 92P
Renesas MCU
R32C111 RENESAS-R32C111 Datasheet
974Kb / 84P
RENESAS MCU
UPD70F3741GC RENESAS-UPD70F3741GC Datasheet
10Mb / 889P
RENESAS MCU V850ES/JG3 Microcontrollers
R5F36506NFA RENESAS-R5F36506NFA_12 Datasheet
999Kb / 115P
RENESAS MCU
UPD70F3786GJ-GAE-AX RENESAS-UPD70F3786GJ-GAE-AX Datasheet
9Mb / 1817P
RENESAS MCU V850ES/Jx3-E Microcontrollers
UPD70F3793GC-UEU-AX RENESAS-UPD70F3793GC-UEU-AX Datasheet
6Mb / 1113P
RENESAS MCU V850ES/Jx3-L Microcontrollers
R01DS0410EJ0110 RENESAS-R01DS0410EJ0110 Datasheet
1Mb / 92P
Renesas Microcontrollers
Feb 28, 2023
R01DS0413EJ0110 RENESAS-R01DS0413EJ0110 Datasheet
2Mb / 90P
Renesas Microcontrollers
Feb 28, 2023
RA4E2 RENESAS-RA4E2 Datasheet
2Mb / 90P
Renesas Microcontrollers
Feb 28, 2023
RA6E2 RENESAS-RA6E2 Datasheet
1Mb / 92P
Renesas Microcontrollers
Feb 28, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com