Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4E2 Datasheet (PDF) - Renesas Technology Corp

RA4E2 Datasheet PDF - Renesas Technology Corp
Part # RA4E2
Download  RA4E2 Download
File Size   2131.04 Kbytes
Page   90 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas Microcontrollers

RA4E2 Datasheet (PDF)

Go To PDF Page Download Datasheet
RA4E2 Datasheet PDF - Renesas Technology Corp

Part # RA4E2
Download  RA4E2 Click to download

File Size   2131.04 Kbytes
Page   90 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas Microcontrollers

RA4E2 Datasheet (HTML) - Renesas Technology Corp


RA4E2 Product details

Features
■ Arm® Cortex®-M33 Core
● Armv8-M architecture with the main extension
● Maximum operating frequency: 100 MHz
● Arm Memory Protection Unit (Arm MPU)
– Protected Memory System Architecture (PMSAv8)
– Secure MPU (MPU_S): 8 regions
– Non-secure MPU (MPU_NS): 8 regions
● SysTick timer
– Embeds two Systick timers: Secure and Non-secure instance
– Driven by LOCO or system clock
● CoreSight™ ETM-M33
■ Memory
● Up to 128 KB code flash memory
● 4 KB data flash memory (100,000 program/erase (P/E) cycles)
● 40 KB SRAM
■ Connectivity
● Serial Communications Interface (SCI) × 2
– Asynchronous interfaces
– 8-bit clock synchronous interface
– Smart card interface
– Simple IIC
– Simple SPI
– Manchester coding
● I3C bus interface (I3C)
● Serial Peripheral Interface (SPI) × 2
● USB 2.0 Full-Speed Module (USBFS)
● CAN with Flexible Data-rate (CANFD)
● Serial Sound Interface Enhanced (SSIE)
● Consumer Electronics Control (CEC)
■ Analog
● 12-bit A/D Converter (ADC12)
● 12-bit D/A Converter (DAC12)
● Temperature Sensor (TSN)
■ Timers
● General PWM Timer 16-bit Enhanced (GPT16E) × 4
● Low Power Asynchronous General Purpose Timer (AGT) × 2
■ Security
● Arm® TrustZone®
– Up to three regions for the code flash
– Up to two regions for the data flash
– Up to three regions for the SRAM
– Individual secure or non-secure security attribution for each
peripheral
● 128-bit unique ID
● True Random Number Generator (TRNG)
● Pin function
– Secure pin multiplexing
■ System and Power Management
● Low power modes
● Realtime Clock (RTC) with calendar
● Event Link Controller (ELC)
● Data Transfer Controller (DTC)
● DMA Controller (DMAC) × 8
● Power-on reset
● Low Voltage Detection (LVD) with voltage settings
● Watchdog Timer (WDT)
● Independent Watchdog Timer (IWDT)
■ Multiple Clock Sources
● Main clock oscillator (MOSC) (8 to 24 MHz)
● Sub-clock oscillator (SOSC) (32.768 kHz)
● High-speed on-chip oscillator (HOCO) (16/18/20 MHz)
● Middle-speed on-chip oscillator (MOCO) (8 MHz)
● Low-speed on-chip oscillator (LOCO) (32.768 kHz)
● IWDT-dedicated on-chip oscillator (15 kHz)
● Clock trim function for HOCO/MOCO/LOCO
● PLL
● Clock out support
■ General-Purpose I/O Ports
● 5-V tolerance, open drain, input pull-up, switchable driving ability
■ Operating Voltage
● VCC: 2.7 to 3.6 V
■ Operating Temperature and Packages
● Ta = -40℃ to +105℃
– 64-pin LQFP (10 mm × 10 mm, 0.5 mm pitch)
– 48-pin QFN (7 mm × 7 mm, 0.5 mm pitch)
– 32-pin QFN (5 mm × 5 mm, 0.5 mm pitch)
● Ta = -40℃ to +85℃
– 64-pin BGA (5 mm × 5 mm, 0.5 mm pitch)
– 36-pin BGA (4 mm × 4 mm, 0.5 mm pitch)




Similar Part No. - RA4E2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RA4E2 RENESAS-RA4E2 Datasheet
2Mb / 91P
Renesas Microcontrollers
Rev.1.50 May 29, 2026
RA4E2 RENESAS-RA4E2_V01 Datasheet
2Mb / 91P
Renesas Microcontrollers
Rev.1.50 May 29, 2026
More results


Similar Description - RA4E2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
16C6N4 RENESAS-16C6N4 Datasheet
687Kb / 92P
Renesas MCU
R32C111 RENESAS-R32C111 Datasheet
974Kb / 84P
RENESAS MCU
UPD70F3741GC RENESAS-UPD70F3741GC Datasheet
10Mb / 889P
RENESAS MCU V850ES/JG3 Microcontrollers
R5F36506NFA RENESAS-R5F36506NFA_12 Datasheet
999Kb / 115P
RENESAS MCU
UPD70F3786GJ-GAE-AX RENESAS-UPD70F3786GJ-GAE-AX Datasheet
9Mb / 1817P
RENESAS MCU V850ES/Jx3-E Microcontrollers
UPD70F3793GC-UEU-AX RENESAS-UPD70F3793GC-UEU-AX Datasheet
6Mb / 1113P
RENESAS MCU V850ES/Jx3-L Microcontrollers
RA6T2 RENESAS-RA6T2 Datasheet
1Mb / 93P
Renesas Microcontrollers
Mar 31, 2022
R01DS0410EJ0110 RENESAS-R01DS0410EJ0110 Datasheet
1Mb / 92P
Renesas Microcontrollers
Feb 28, 2023
R01DS0413EJ0110 RENESAS-R01DS0413EJ0110 Datasheet
2Mb / 90P
Renesas Microcontrollers
Feb 28, 2023
RA6E2 RENESAS-RA6E2 Datasheet
1Mb / 92P
Renesas Microcontrollers
Feb 28, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com