Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4E2 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RA4E2 Datasheet HTML 1Page - Renesas Technology Corp RA4E2 Datasheet HTML 2Page - Renesas Technology Corp RA4E2 Datasheet HTML 3Page - Renesas Technology Corp RA4E2 Datasheet HTML 4Page - Renesas Technology Corp RA4E2 Datasheet HTML 5Page - Renesas Technology Corp RA4E2 Datasheet HTML 6Page - Renesas Technology Corp RA4E2 Datasheet HTML 7Page - Renesas Technology Corp RA4E2 Datasheet HTML 8Page - Renesas Technology Corp RA4E2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
RA4E2 Group
Renesas Microcontrollers
The RA4E2 Group delivers up to 100 MHz of CPU performance using an Arm® Cortex®-M33 core with 128 KB of code flash
memory, 4 KB of data flash memory, and 40 KB of SRAM. The RA4E2 Group offers a wide set of peripherals, including USB
Full Speed, CANFD, I3C, and ADC.
Features
R01DS0413EJ0110
Rev.1.10
Feb 28, 2023
■ Arm® Cortex®-M33 Core
● Armv8-M architecture with the main extension
● Maximum operating frequency: 100 MHz
● Arm Memory Protection Unit (Arm MPU)
– Protected Memory System Architecture (PMSAv8)
– Secure MPU (MPU_S): 8 regions
– Non-secure MPU (MPU_NS): 8 regions
● SysTick timer
– Embeds two Systick timers: Secure and Non-secure instance
– Driven by LOCO or system clock
● CoreSight™ ETM-M33
■ Memory
● Up to 128 KB code flash memory
● 4 KB data flash memory (100,000 program/erase (P/E) cycles)
● 40 KB SRAM
■ Connectivity
● Serial Communications Interface (SCI) × 2
– Asynchronous interfaces
– 8-bit clock synchronous interface
– Smart card interface
– Simple IIC
– Simple SPI
– Manchester coding
● I3C bus interface (I3C)
● Serial Peripheral Interface (SPI) × 2
● USB 2.0 Full-Speed Module (USBFS)
● CAN with Flexible Data-rate (CANFD)
● Serial Sound Interface Enhanced (SSIE)
● Consumer Electronics Control (CEC)
■ Analog
● 12-bit A/D Converter (ADC12)
● 12-bit D/A Converter (DAC12)
● Temperature Sensor (TSN)
■ Timers
● General PWM Timer 16-bit Enhanced (GPT16E) × 4
● Low Power Asynchronous General Purpose Timer (AGT) × 2
■ Security
● Arm® TrustZone®
– Up to three regions for the code flash
– Up to two regions for the data flash
– Up to three regions for the SRAM
– Individual secure or non-secure security attribution for each
peripheral
● 128-bit unique ID
● True Random Number Generator (TRNG)
● Pin function
– Secure pin multiplexing
■ System and Power Management
● Low power modes
● Realtime Clock (RTC) with calendar
● Event Link Controller (ELC)
● Data Transfer Controller (DTC)
● DMA Controller (DMAC) × 8
● Power-on reset
● Low Voltage Detection (LVD) with voltage settings
● Watchdog Timer (WDT)
● Independent Watchdog Timer (IWDT)
■ Multiple Clock Sources
● Main clock oscillator (MOSC) (8 to 24 MHz)
● Sub-clock oscillator (SOSC) (32.768 kHz)
● High-speed on-chip oscillator (HOCO) (16/18/20 MHz)
● Middle-speed on-chip oscillator (MOCO) (8 MHz)
● Low-speed on-chip oscillator (LOCO) (32.768 kHz)
● IWDT-dedicated on-chip oscillator (15 kHz)
● Clock trim function for HOCO/MOCO/LOCO
● PLL
● Clock out support
■ General-Purpose I/O Ports
● 5-V tolerance, open drain, input pull-up, switchable driving ability
■ Operating Voltage
● VCC: 2.7 to 3.6 V
■ Operating Temperature and Packages
● Ta = -40℃ to +105℃
– 64-pin LQFP (10 mm × 10 mm, 0.5 mm pitch)
– 48-pin QFN (7 mm × 7 mm, 0.5 mm pitch)
– 32-pin QFN (5 mm × 5 mm, 0.5 mm pitch)
● Ta = -40℃ to +85℃
– 64-pin BGA (5 mm × 5 mm, 0.5 mm pitch)
– 36-pin BGA (4 mm × 4 mm, 0.5 mm pitch)
Datasheet
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 1 of 90


Similar Part No. - RA4E2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RA4E2 RENESAS-RA4E2 Datasheet
2Mb / 91P
Renesas Microcontrollers
Rev.1.50 May 29, 2026
RA4E2 RENESAS-RA4E2_V01 Datasheet
2Mb / 91P
Renesas Microcontrollers
Rev.1.50 May 29, 2026
More results

Similar Description - RA4E2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
16C6N4 RENESAS-16C6N4 Datasheet
687Kb / 92P
Renesas MCU
R32C111 RENESAS-R32C111 Datasheet
974Kb / 84P
RENESAS MCU
UPD70F3741GC RENESAS-UPD70F3741GC Datasheet
10Mb / 889P
RENESAS MCU V850ES/JG3 Microcontrollers
R5F36506NFA RENESAS-R5F36506NFA_12 Datasheet
999Kb / 115P
RENESAS MCU
UPD70F3786GJ-GAE-AX RENESAS-UPD70F3786GJ-GAE-AX Datasheet
9Mb / 1817P
RENESAS MCU V850ES/Jx3-E Microcontrollers
UPD70F3793GC-UEU-AX RENESAS-UPD70F3793GC-UEU-AX Datasheet
6Mb / 1113P
RENESAS MCU V850ES/Jx3-L Microcontrollers
RA6T2 RENESAS-RA6T2 Datasheet
1Mb / 93P
Renesas Microcontrollers
Mar 31, 2022
R01DS0410EJ0110 RENESAS-R01DS0410EJ0110 Datasheet
1Mb / 92P
Renesas Microcontrollers
Feb 28, 2023
R01DS0413EJ0110 RENESAS-R01DS0413EJ0110 Datasheet
2Mb / 90P
Renesas Microcontrollers
Feb 28, 2023
RA6E2 RENESAS-RA6E2 Datasheet
1Mb / 92P
Renesas Microcontrollers
Feb 28, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com