Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4E2 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 50Page - Renesas Technology Corp RA4E2 Datasheet HTML 51Page - Renesas Technology Corp RA4E2 Datasheet HTML 52Page - Renesas Technology Corp RA4E2 Datasheet HTML 53Page - Renesas Technology Corp RA4E2 Datasheet HTML 54Page - Renesas Technology Corp RA4E2 Datasheet HTML 55Page - Renesas Technology Corp RA4E2 Datasheet HTML 56Page - Renesas Technology Corp RA4E2 Datasheet HTML 57Page - Renesas Technology Corp RA4E2 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 90 page
background image
Table 2.32
I3C timing (open drain timing parameters)
Conditions: VCC = 3.00 to 3.60 V
Setting of the I3C_SDA, I3C_SCL pins is not required with the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Max
Unit
Test
conditions
I3C
Open Drain
Timing
Parameters
SCL Clock Low Period
tLOW_OD
*1 *2
200
—
ns
Figure 2.45
tDIG_OD_L tLOW_ODmin + tfDA_ODmin —
ns
Figure 2.45
SCL Clock High Period
tHIGH*3 *4 —
41
ns
Figure 2.43
tDIG_H
—
tHIGH + tCF
ns
Figure 2.43
SDA Signal Fall Time
tfDA_OD
tCF
12
ns
Figure 2.45
SDA Data Setup Time Open
Drain Mode
tSU_OD*1
17
—
ns
Figure 2.44
Clock After START (S) Condition tCAS*5 *6 38.4 nano
For ENAS0: 1 µ
seconds
Figure 2.45
For ENAS1: 100
µ
For ENAS2: 2
milli
For ENAS3: 50
milli
Clock Before STOP (P)
Condition
tCBP
tCASmin / 2
—
seconds
Figure 2.46
Current Master to Secondary
Master Overlap time during
handoff
tMMOverla
p
tDIG_OD_Lmin
—
ns
Figure 2.51
Bus Available Condition
tAVAL*7
1
—
µs
—
Bus Idle Condition
tIDLE
1
—
ms
—
Time Internal Where New
Master Not Driving SDA Low
tMMLock
tAVALmin
—
µs
Figure 2.51
Note 1. This is approximately equal to tLOWmin + tDS_ODmin + trDA_ODtyp + tSU_Odmin.
Note 2. The Master may use a shorter Low period if it knows that this is safe, i.e., that SDA is already above VIH
Note 3. Based on tSPIKE, rise and fall times, and interconnect
Note 4. This maximum High period may be exceeded when the signals can be safely seen by Legacy I2C Devices, and/or in consideration
of the interconnect (e.g., a short Bus).
As a product specification, if this Max value cannot be guaranteed, change this Max value and specify that it cannot be used in the
Mixed Bus.
Note 5. On a legacy bus where I2C devices need to see Start
Note 6. Slaves that do not support the optional ENTASx CCCs shall use the tCAS Max value shown for ENTAS3
Note 7. On a mixed bus with Fm Legacy I2C Devices, tAVAL is 300 ns shorter than the Fm Bus Free Condition time (tBUF)
RA4E2 Datasheet
2. Electrical Characteristics
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 54 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com