Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4E2 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 15Page - Renesas Technology Corp RA4E2 Datasheet HTML 16Page - Renesas Technology Corp RA4E2 Datasheet HTML 17Page - Renesas Technology Corp RA4E2 Datasheet HTML 18Page - Renesas Technology Corp RA4E2 Datasheet HTML 19Page - Renesas Technology Corp RA4E2 Datasheet HTML 20Page - Renesas Technology Corp RA4E2 Datasheet HTML 21Page - Renesas Technology Corp RA4E2 Datasheet HTML 22Page - Renesas Technology Corp RA4E2 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 90 page
background image
2.2.3
I/O IOH, IOL
Table 2.5
I/O IOH, IOL (1 of 2)
Parameter
Symbol
Min Typ Max Unit
Permissible output current (average value per
pin)
I3C pins
IIC Standard mode*4
IOL
—
—
3.0
mA
IIC Fast mode*4
IOL
—
—
6.0
mA
IIC Fast mode plus*4
IOL
—
—
20
mA
IIC High speed
mode*4
IOL
—
—
3.0
mA
Ports P004 to P006, P008, P013
to P015, P201
—
IOH
—
—
–2.0 mA
IOL
—
—
2.0
mA
Ports P205, P206, P407 to P411
(total 7 pins)
Low drive*1
IOH
—
—
–2.0 mA
IOL
—
—
2.0
mA
Middle drive*2
IOH
—
—
–4.0 mA
IOL
—
—
4.0
mA
High drive*3
IOH
—
—
–20 mA
IOL
—
—
20
mA
Other output pins*5
Low drive*1
IOH
—
—
–2.0 mA
IOL
—
—
2.0
mA
Middle drive*2
IOH
—
—
–4.0 mA
IOL
—
—
4.0
mA
High drive*3
IOH
—
—
–16 mA
IOL
—
—
16
mA
Permissible output current (max value per
pin)
I3C pins
IIC Standard mode*4
IOL
—
—
3.0
mA
IIC Fast mode*4
IOL
—
—
6.0
mA
IIC Fast mode plus*4
IOL
—
—
20
mA
IIC High speed
mode*4
IOL
—
—
3.0
mA
Ports P004 to P006, P008, P013
to P015, P201
—
IOH
—
—
–4.0 mA
IOL
—
—
4.0
mA
Ports P205, P206, P407 to P411
(total 7 pins)
Low drive*1
IOH
—
—
–4.0 mA
IOL
—
—
4.0
mA
Middle drive*2
IOH
—
—
–8.0 mA
IOL
—
—
8.0
mA
High drive*3
IOH
—
—
–40 mA
IOL
—
—
40
mA
Other output pins*5
Low drive*1
IOH
—
—
–4.0 mA
IOL
—
—
4.0
mA
Middle drive*2
IOH
—
—
–8.0 mA
IOL
—
—
8.0
mA
High drive*3
IOH
—
—
–32 mA
IOL
—
—
32
mA
RA4E2 Datasheet
2. Electrical Characteristics
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 19 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com