Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4E2 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 21Page - Renesas Technology Corp RA4E2 Datasheet HTML 22Page - Renesas Technology Corp RA4E2 Datasheet HTML 23Page - Renesas Technology Corp RA4E2 Datasheet HTML 24Page - Renesas Technology Corp RA4E2 Datasheet HTML 25Page - Renesas Technology Corp RA4E2 Datasheet HTML 26Page - Renesas Technology Corp RA4E2 Datasheet HTML 27Page - Renesas Technology Corp RA4E2 Datasheet HTML 28Page - Renesas Technology Corp RA4E2 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 90 page
background image
2.2.6
VCC Rise and Fall Gradient and Ripple Frequency
Table 2.9
Rise and fall gradient characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
VCC rising gradient
Voltage monitor 0 reset disabled at startup
SrVCC
0.0084 —
20
ms/V
—
Voltage monitor 0 reset enabled at startup
0.0084 —
—
—
SCI/USB boot mode*1
0.0084 —
20
—
VCC falling gradient
SfVCC
0.0084 —
—
ms/V
—
Note 1. At boot mode, the reset from voltage monitor 0 is disabled regardless of the value of the OFS1.LVDAS bit.
Table 2.10
Rising and falling gradient and ripple frequency characteristics
The ripple voltage must meet the allowable ripple frequency fr(VCC) within the range between the VCC upper limit (3.6 V) and lower limit (2.7
V). When the VCC change exceeds VCC ±10%, the allowable voltage change rising and falling gradient dt/dVCC must be met.
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Allowable ripple
frequency
fr (VCC)
—
—
10
kHz
Figure 2.6
Vr (VCC) ≤ VCC × 0.2
—
—
1
MHz
Figure 2.6
Vr (VCC) ≤ VCC × 0.08
—
—
10
MHz
Figure 2.6
Vr (VCC) ≤ VCC × 0.06
Allowable voltage
change rising and
falling gradient
dt/dVCC
1.0
—
—
ms/V
When VCC change
exceeds VCC ±10%
Vr(VCC)
VCC
1 / fr(VCC)
Figure 2.6
Ripple waveform
2.2.7
Thermal Characteristics
Maximum value of junction temperature (Tj) must not exceed the value of “section 2.2.1. Tj/Ta Definition”.
Tj is calculated by either of the following equations.
● Tj = Ta + θja × Total power consumption
● Tj = Tt + Ψjt × Total power consumption
– Tj : Junction Temperature (°C)
– Ta : Ambient Temperature (°C)
– Tt : Top Center Case Temperature (°C)
– θja : Thermal Resistance of “Junction”-to-“Ambient” (°C/W)
– Ψjt : Thermal Resistance of “Junction”-to-“Top Center Case” (°C/W)
● Total power consumption = Voltage × (Leakage current + Dynamic current)
RA4E2 Datasheet
2. Electrical Characteristics
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 25 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com