Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4E2 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 24Page - Renesas Technology Corp RA4E2 Datasheet HTML 25Page - Renesas Technology Corp RA4E2 Datasheet HTML 26Page - Renesas Technology Corp RA4E2 Datasheet HTML 27Page - Renesas Technology Corp RA4E2 Datasheet HTML 28Page - Renesas Technology Corp RA4E2 Datasheet HTML 29Page - Renesas Technology Corp RA4E2 Datasheet HTML 30Page - Renesas Technology Corp RA4E2 Datasheet HTML 31Page - Renesas Technology Corp RA4E2 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
Table 2.13
Outline of operation for each unit (2 of 2)
Peripheral
Outline of operation
I3C
Communication format is set to I3C-bus format.
I3C is transmitting data in master mode.
CANFD
CANFD is transmitting and receiving data in self-test mode 1.
SPI
SPI mode is set to SPI operation (4-wire method).
SPI master/slave mode is set to master mode.
SPI is transmitting 8-bit width data.
SSIE
Communication mode is set to Master.
System word length is set to 32 bits.
Data word length is set to 20 bits.
SSIE is transmitting data using I2S format.
CEC
CEC operation clock is set to CECCLK.
CEC is transmitting and receiving header block and data block.
ADC12
Resolution is set to 12-bit accuracy.
Data registers is set to A/D-converted value addition mode.
ADC12 is converting the analog input in continuous scan mode.
DAC12
DAC12 is outputting the conversion result while updating the value of data register.
TSN
TSN is operating.
ELC
Only clear module stop bit.
TRNG
TRNG is executing built-in self test.
CRC
CRC is generating CRC code using 32-bit CRC32-C polynomial.
DOC
DOC is operating in data addition mode.
CAC
Measurement target clocks is set to PCLKB.
Measurement reference clocks is set to PCLKB.
CAC is measuring the clock frequency accuracy.
DMAC
Bit length of transfer data is set to 32 bits.
Transfer mode is set to block transfer mode.
DMAC is transferring data from SRAM0 to SRAM0.
DTC
Bit length of transfer data is set to 32 bits.
Transfer mode is set to block transfer mode.
DTC is transferring data from SRAM0 to SRAM0.
2.2.7.2
Example of Tj calculation
Assumption :
● Package 64-pin LQFP : θja = 41.3 °C/W
● Ta = 100 °C
● ICCmax = 40 mA
● VCC = 3.5 V (VCC = AVCC0 = VCC_USB)
● IOH = 1 mA, VOH = VCC – 0.5 V, 8 Outputs
● IOL = 20 mA, VOL = 1.0 V, 6 Outputs
● IOL = 1 mA, VOL = 0.5 V, 8 Outputs
● Cin = 8 pF, 8 pins, Input frequency = 10 MHz
● Cload = 30 pF, 8 pins, Output frequency = 10 MHz
Leakage current of IO = Σ (VOL × IOL) / Voltage + Σ ((VCC - VOH) × IOH) / Voltage
= (20 mA × 1 V) × 6 / 3.5 V + (1 mA × 0.5 V) × 8 / 3.5 V + ((VCC - (VCC - 0.5 V)) × 1 mA) × 8 / 3.5 V
= 34.29 mA + 1.14 mA + 1.14 mA
= 36.6 mA
RA4E2 Datasheet
2. Electrical Characteristics
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 28 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com