Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4E2 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 23Page - Renesas Technology Corp RA4E2 Datasheet HTML 24Page - Renesas Technology Corp RA4E2 Datasheet HTML 25Page - Renesas Technology Corp RA4E2 Datasheet HTML 26Page - Renesas Technology Corp RA4E2 Datasheet HTML 27Page - Renesas Technology Corp RA4E2 Datasheet HTML 28Page - Renesas Technology Corp RA4E2 Datasheet HTML 29Page - Renesas Technology Corp RA4E2 Datasheet HTML 30Page - Renesas Technology Corp RA4E2 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 90 page
background image
Table 2.12
Power consumption of each unit (2 of 2)
Dynamic current/
Leakage current
MCU
Domain
Category
Item
Frequency
[MHz]
Current
[uA/MHz]
Current*1
[mA]
Dynamic current
CPU
Operation with
Flash and SRAM
Coremark
100
57.151
5.72
Peripheral Unit
Timer
GPT16 (4ch)*4
100
5.653
0.57
POEG (4 Groups)*4 50
1.171
0.06
AGT (2ch)*4
50
3.967
0.20
RTC
50
2.711
0.27
WDT
50
0.635
0.03
IWDT
50
0.261
0.01
Communication
interfaces
USBFS
50
4.969
0.25
SCI (2 ch)*4
100
5.607
0.56
I3C
100
8.483
0.85
CANFD
50
2.680
0.27
CEC
100
0.213
0.01
SPI (2ch)*4
100
5.739
0.57
SSIE
50
2.831
0.14
Analog
ADC12
100
2.229
0.22
DAC12
100
0.301
0.03
TSN
50
0.277
0.01
Event link
ELC
50
0.562
0.06
Security
TRNG
100
0.013
1.27
Data processing
CRC
100
0.363
0.04
DOC
100
0.133
0.01
System
CAC
50
0.777
0.04
DMA
DMAC
100
5.771
0.58
DTC
100
4.843
0.48
Note 1. The values are guaranteed by design.
Note 2. LDO and Leak are internal voltage regulator’s current and MCU’s leakage current.
It is selected according to the temperature of Ta.
Note 3. Δ(Tj-Ta) = 20 °C is considered to measure the current.
Note 4. To determine the current consumption per channel or unit, divide Current [mA] by the number of channels, groups or units.
Table 2.13 shows the outline of operation for each unit.
Table 2.13
Outline of operation for each unit (1 of 2)
Peripheral
Outline of operation
GPT
Operating modes is set to saw-wave PWM mode.
GPT is operating with PCLKD.
POEG
Only clear module stop bit.
AGT
AGT is operating with PCLKB.
RTC
RTC is operating with LOCO.
WDT
WDT is operating with PCLKB.
IWDT
IWDT is operating with IWDTCLK.
USBFS
Transfer types is set to bulk transfer.
USBFS is operating using Full-speed transfer (12 Mbps).
SCI
SCI is transmitting data in clock synchronous mode.
RA4E2 Datasheet
2. Electrical Characteristics
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 27 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com