Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4E2 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 46Page - Renesas Technology Corp RA4E2 Datasheet HTML 47Page - Renesas Technology Corp RA4E2 Datasheet HTML 48Page - Renesas Technology Corp RA4E2 Datasheet HTML 49Page - Renesas Technology Corp RA4E2 Datasheet HTML 50Page - Renesas Technology Corp RA4E2 Datasheet HTML 51Page - Renesas Technology Corp RA4E2 Datasheet HTML 52Page - Renesas Technology Corp RA4E2 Datasheet HTML 53Page - Renesas Technology Corp RA4E2 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 90 page
background image
SSLn0
input
RSPCKn
CPOL = 0
input
RSPCKn
CPOL = 1
input
MISOn
output
MOSIn
input
tDr, tDf
tSA
tOH
tLEAD
tTD
tLAG
tH
LSB OUT
(Last data)
DATA
MSB OUT
MSB IN
DATA
LSB IN
MSB IN
LSB OUT
tSU
tOD
tREL
MSB OUT
Note:
n = A or B
Figure 2.40
SPI timing for slave when CPHA = 1
2.3.10
I3C Timing
Table 2.28
IIC timing(1)-1
1. Conditions: Middle drive output is selected in the Port Drive Capability bit in the PmnPFS register for the following pins: SDA0_A,
SCL0_A, SDA0_B, SCL0_B, SDA0_C, SCL0_C.
2. The following pins do not require setting: SDA0_D, SCL0_D.
3. Use pins that have a letter appended to their names, for instance “_A” or “_B”, to indicate group membership. For the IIC interface, the
AC portion of the electrical characteristics is measured for each group.
Parameter
Symbol
Min
Max
Unit
IIC (Standard mode,
SMBus)
BFCTL.FMPE = 0
SCL input cycle time
tSCL
10(18) × tI3Ccyc + 1300
—
ns
SCL input high pulse width
tSCLH
5(9) × tI3Ccyc + 300
—
ns
SCL input low pulse width
tSCLL
5(9) × tI3Ccyc + 300
—
ns
SCL, SDA rise time
tSr
—
1000
ns
SCL, SDA fall time
tSf
—
300
ns
SCL, SDA input spike pulse removal
time
tSP
0
1(4) × tI3Ccyc
ns
SDA input bus free time when wakeup
function is disabled
tBUF
5(9) × tI3Ccyc + 300
—
ns
SDA input bus free time when wakeup
function is enabled
tBUF
5(9) × tI3Ccyc + 4 × tTcyc + 300 —
ns
START condition input hold time when
wakeup function is disabled
tSTAH
tI3Ccyc + 300
—
ns
START condition input hold time when
wakeup function is enabled
tSTAH
1(5) × tI3Ccyc + tTcyc + 300
—
ns
Repeated START condition input setup
time
tSTAS
1000
—
ns
STOP condition input setup time
tSTOS
1000
—
ns
Data input setup time
tSDAS
tI3Ccyc + 50
—
ns
Data input hold time
tSDAH
0
—
ns
SCL, SDA capacitive load
Cb*1
—
400
pF
RA4E2 Datasheet
2. Electrical Characteristics
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 50 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com