Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4E2 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 82Page - Renesas Technology Corp RA4E2 Datasheet HTML 83Page - Renesas Technology Corp RA4E2 Datasheet HTML 84Page - Renesas Technology Corp RA4E2 Datasheet HTML 85Page - Renesas Technology Corp RA4E2 Datasheet HTML 86Page - Renesas Technology Corp RA4E2 Datasheet HTML 87Page - Renesas Technology Corp RA4E2 Datasheet HTML 88Page - Renesas Technology Corp RA4E2 Datasheet HTML 89Page - Renesas Technology Corp RA4E2 Datasheet HTML 90Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 86 / 90 page
background image
Note:
This applies to the number of cycles when access from the CPU does not conflict with the instruction fetching to the
external memory or bus access from other bus masters such as DTC or DMAC.
Table 3.2
Access cycles (1 of 3)
Peripherals
Address
Number of access cycles
ICLK = PCLK
ICLK > PCLK*1
Cycle
Unit
Related function
From
To
Read
Write
Read
Write
RMPU, TZF,
SRAM, BUS,
DMACn, DMA,
DTC, ICU
0x4000_0000
0x4000_6FFF
4
3
4
3
ICLK
Renesas Memory
Protection Unit,
TrustZone Filter,
SRAM Control, BUS
Control, Direct
memory access
controller n, DMAC
Module Activation,
DTC Control Register,
Interrupt Controller
CACHE
0x4000_7000
0x4000_7FFF
3
5
3
5
ICLK
CACHE
CPSCU, DBG,
FCACHE
0x4000_8000
0x4001_CFFF
4
3
4
3
ICLK
CPU System Security
Control Unit, Debug
Function, Flash Cache
SYSC
0x4001_E000
0x4001_E3FF
5
4
5
4
ICLK
System Control
SYSC
0x4001_E400
0x4001_E5FF
9
8
5 to 8
5 to 8
PCLKB
System Control
PORTn, PFS
0x4008_0000
0x4008_0FFF
5
4
2 to 5
2 to 4
PCLKB
Port n Control
Registers, Pmn Pin
Function Control
Register
ELC, RTC, IWDT,
WDT, CAC
0x4008_2000
0x4008_3FFF
5
4
3 to 5
2 to 4
PCLKB
Event Link Controller,
Realtime Clock,
Independent
Watchdog Timer,
Watchdog Timer,
Clock Frequency
Accuracy
Measurement Circuit
MSTP
0x4008_4000
0x4008_4FFF
5
4
2 to 5
2 to 4
PCLKB
Module Stop Control
POEG
0x4008_A000
0x4008_AFFF
5
4
3 to 5
2 to 4
PCLKB
Port Output Enable
Module for GPT
USBFS
0x4009_0000
0x4009_03FF
6
5
3 to 6
3 to 5
PCLKB
USB 2.0 FS Module
USBFS
0x4009_0400
0x4009_04FF
4
3
1 to 4
1 to 3
PCLKB
USB 2.0 FS Module
SSIE0
0x4009_2000
0x4009_FFFF
5
4
2 to 5
2 to 4
PCLKB
SD Host Interface 0,
Serial Sound Interface
Enhanced, Inter-
Integrated Circuit n,
Inter-Integrated Circuit
0 Wake-up Unit
CEC
0x400A_C000
0x400A_CFFF
4
3
1 to 3
1 to 3
PCLKB
Consumer Electronics
Control
CANFD
0x400B_0000
0x400C_FFFF
5
4
2 to 5
2 to 4
PCLKB
CANFD Module
PSCU
0x400E_0000
0x400E_0FFF
5
4
2 to 5
2 to 4
PCLKB
Peripheral Security
Control Unit
AGTn
0x400E_8000
0x400E_8FFF
7
4
5 to 7
2 to 4
PCLKB
Low Power
Asynchronous
General purpose
Timer n
TSN
0x400F_3000
0x400F_3FFF
5
4
2 to 5
2 to 4
PCLKB
Temperature Sensor
CRC, DOC
0x4010_8000
0x4010_9FFF
5
4
2 to 5
2 to 4
PCLKA
CRC Calculator, Data
Operation Circuit
SCIn
0x4011_8000
0x4011_8FFF
5*2
4*2
2 to 5*2
2 to 4*2
PCLKA
Serial Communication
Interface n
SPIn
0x4011_A000
0x4011_AFFF
5*3
4*3
2 to 5*3
2 to 4*3
PCLKA
Serial Peripheral
Interface n
I3C
0x4011_F000
0x4011_FFFF
5
4
2 to 4
2 to 4
PCLKA
I3C Bus Interface
RA4E2 Datasheet
Appendix 3. I/O Registers
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 86 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com