Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4E2 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 51Page - Renesas Technology Corp RA4E2 Datasheet HTML 52Page - Renesas Technology Corp RA4E2 Datasheet HTML 53Page - Renesas Technology Corp RA4E2 Datasheet HTML 54Page - Renesas Technology Corp RA4E2 Datasheet HTML 55Page - Renesas Technology Corp RA4E2 Datasheet HTML 56Page - Renesas Technology Corp RA4E2 Datasheet HTML 57Page - Renesas Technology Corp RA4E2 Datasheet HTML 58Page - Renesas Technology Corp RA4E2 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 90 page
background image
Table 2.33
I3C timing (push-pull timing parameters for SDR mode)
Conditions: VCC = 3.00 to 3.60 V
Setting of the I3C_SDA, I3C_SCL pins is not required with the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Max
Unit
Test
conditions
I3C Push-Pull Timing
Parameters for SDR Mode
SCL Clock Frequency
fSCL*1
0.01
12.5
MHz
—
SCL Clock Low Period
tLOW
24
—
ns
Figure 2.43
tDIG_L*2 *4
40
—
ns
Figure 2.43
SCL Clock High Period for
Mixed Bus
tHIGH_MIXED
24
—
ns
Figure 2.43
tDIG_H_MIXED*2
*3
40
45
ns
Figure 2.43
SCL Clock High Period
tHIGH
24
—
ns
Figure 2.43
tDIG_H*2
40
—
ns
Figure 2.43
Clock in to Data Out for Slave tSCO
—
12
ns
Figure 2.48
SCL Clock Rise Time
tCR
—
150 × 1 /fSCL (capped
at 60)
ns
Figure 2.43
SCL Clock Fall Time
tCF
—
150 × 1 /fSCL (capped
at 60)
µs
Figure 2.43
SDA Signal Data
Hold in Push-Pull
Mode
Master tHD_PP*4
tCR + 3 and
tCF + 3
—
—
Figure 2.47
Slave
tHD_PP
0
—
—
Figure 2.47
SDA Signal Data Setup in
Push-Pull Mode
tSU_PP
17
N/A
ns
Figure 2.49
Clock After Repeated START
(Sr)
tCASr
tCASmin
N/A
ns
Figure 2.50
Clock Before Repeated
START (Sr)
tCBSr
tCASmin / 2
N/A
ns
Figure 2.50
Capacitive Load per Bus Line
(SDA/SCL)
Cb
—
50
pF
—
Note 1. fSCL = 1 / (tDIG_L + tDIG_H)
Note 2. tDIG_L and tDIG_H are the clock Low and High periods as seen at the receiver end of the I3C Bus using VIL and VIH.
Note 3. When communicating with an I3C Device on a mixed Bus, the tDIG_H_MIXED period must be constrained in order to make sure that
I2C Devices do not interpret I3C signaling as valid I2C signaling.
Note 4. As both edges are used, the hold time needs to be satisfied for the respective edges; i.e., tCF + 3 for falling edge clocks, and tCR + 3
for rising edge clocks.
RA4E2 Datasheet
2. Electrical Characteristics
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 55 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com