Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4E2 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 48Page - Renesas Technology Corp RA4E2 Datasheet HTML 49Page - Renesas Technology Corp RA4E2 Datasheet HTML 50Page - Renesas Technology Corp RA4E2 Datasheet HTML 51Page - Renesas Technology Corp RA4E2 Datasheet HTML 52Page - Renesas Technology Corp RA4E2 Datasheet HTML 53Page - Renesas Technology Corp RA4E2 Datasheet HTML 54Page - Renesas Technology Corp RA4E2 Datasheet HTML 55Page - Renesas Technology Corp RA4E2 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 90 page
background image
Table 2.30
IIC timing(1)-3
Setting of the SDA0_D, SCL0_D pins is not required with the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Max
Unit
IIC
(Fast-mode+)
BFCTL.FMPE = 1
SCL input cycle time
tSCL
10(18) × tI3Ccyc + 240
—
ns
SCL input high pulse width
tSCLH
5(9) × tI3Ccyc + 120
—
ns
SCL input low pulse width
tSCLL
5(9) × tI3Ccyc + 120
—
ns
SCL, SDA rise time
tSr
—
120
ns
SCL, SDA fall time
tSf
20 × (external pullup voltage/5.5
V)
120
ns
SCL, SDA input spike pulse removal
time
tSP
0
1(4) × tI3Ccyc
ns
SDA input bus free time when
wakeup function is disabled
tBUF
5(9) × tI3Ccyc + 120
—
ns
SDA input bus free time when
wakeup function is enabled
tBUF
5(9) × tI3Ccyc + 4 × tTcyc + 120
—
ns
START condition input hold time
when wakeup function is disabled
tSTAH
tI3Ccyc + 120
—
ns
START condition input hold time
when wakeup function is enabled
tSTAH
1(5) × tI3Ccyc + tTcyc + 120
—
ns
Restart condition input setup time
tSTAS
120
—
ns
Stop condition input setup time
tSTOS
120
—
ns
Data input setup time
tSDAS
tI3Ccyc + 30
—
ns
Data input hold time
tSDAH
0
—
ns
SCL, SDA capacitive load
Cb*1
—
550
pF
Note:
tI3Ccyc: I3C internal reference clock (I3Cφ) cycle, tTcyc: I3CCLK cycle.
Note:
Values in parentheses apply when INCTL.DNFS[3:0] is set to 0x3 while the digital filter is enabled with INCTL.DNFE set to 1.
Note 1. Cb indicates the total capacity of the bus line.
SDAn
SCLn
VIH
VIL
tSTAH
tSCLH
tSCLL
P*1
S*1
tSf
tSr
tSCL
tSDAH
tSDAS
tSTAS
tSP
tSTOS
P*1
tBUF
Sr*1
Note 1. S, P, and Sr indicate the following conditions:
S: Start condition
P: Stop condition
Sr: Restart condition
Figure 2.41
I2C bus interface input/output timing
RA4E2 Datasheet
2. Electrical Characteristics
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 52 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com