Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4E2 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 57Page - Renesas Technology Corp RA4E2 Datasheet HTML 58Page - Renesas Technology Corp RA4E2 Datasheet HTML 59Page - Renesas Technology Corp RA4E2 Datasheet HTML 60Page - Renesas Technology Corp RA4E2 Datasheet HTML 61Page - Renesas Technology Corp RA4E2 Datasheet HTML 62Page - Renesas Technology Corp RA4E2 Datasheet HTML 63Page - Renesas Technology Corp RA4E2 Datasheet HTML 64Page - Renesas Technology Corp RA4E2 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 90 page
background image
SDA
Timing
parameters
used
0.3 × VDD
0.7 × VDD
= Active Drive by Master
NM_SDA
CM_SDA
NM_SCL
CM_SCL
SCL
A6
A5
C1
C2
tSU_STO
tMMlock
tMMoverlap
tCAS
tSCO
0.3 × VDD
0.7 × VDD
0.3 × VDD
0.7 × VDD
0.3 × VDD
0.7 × VDD
0.3 × VDD
0.7 × VDD
0.3 × VDD
0.7 × VDD
OD or PP
Open-
Drain
OD or PP
Open-
Drain
= Open-Drain class Pull-Up by master
= High-Z by Master
Figure 2.51
I3C timing (open drain timing parameters)
2.3.11
SSIE Timing
Table 2.34
SSIE timing (1 of 2)
(1) High drive output is selected with the Port Drive Capability bit in the PmnPFS register.
(2) Use pins that have a letter appended to their names, for instance “_A” , “_B” or “_C” to indicate group membership. For the SSIE
interface, the AC portion of the electrical characteristics is measured for each group.
Parameter
Symbol
Target specification
Unit
Comments
Min.
Max.
SSIBCK0
Cycle
Master
tO
80
—
ns
Figure 2.52
Slave
tI
80
—
ns
High level/ low
level
Master
tHC/tLC
0.35
—
tO
Slave
0.35
—
tI
Rising time/
falling time
Master
tRC/tFC
—
0.15
tO / tI
Slave
—
0.15
tO / tI
RA4E2 Datasheet
2. Electrical Characteristics
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 61 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com