Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4E2 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 13Page - Renesas Technology Corp RA4E2 Datasheet HTML 14Page - Renesas Technology Corp RA4E2 Datasheet HTML 15Page - Renesas Technology Corp RA4E2 Datasheet HTML 16Page - Renesas Technology Corp RA4E2 Datasheet HTML 17Page - Renesas Technology Corp RA4E2 Datasheet HTML 18Page - Renesas Technology Corp RA4E2 Datasheet HTML 19Page - Renesas Technology Corp RA4E2 Datasheet HTML 20Page - Renesas Technology Corp RA4E2 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 90 page
background image
Caution: Permanent damage to the MCU might result if absolute maximum ratings are exceeded.
Table 2.2
Recommended operating conditions
Parameter
Symbol
Value
Min
Typ
Max
Unit
Power supply voltages
VCC
When USB is not used
2.7
—
3.6
V
When USB is used
3.0
—
3.6
V
VSS
—
0
—
V
USB power supply voltages
VCC_USB
—
VCC
—
V
VSS_USB
—
0
—
V
Analog power supply voltages
AVCC0*1
—
VCC
—
V
AVSS0
—
0
—
V
Note 1. Connect AVCC0 to VCC. When the A/D converter and the D/A converter are not in use, do not leave the AVCC0, VREFH/VREFH0,
AVSS0, and VREFL/VREFL0 pins open. Connect the AVCC0 and VREFH/VREFH0 pins to VCC, and the AVSS0 and VREFL/
VREFL0 pins to VSS, respectively.
2.2
DC Characteristics
2.2.1
Tj/Ta Definition
Table 2.3
DC characteristics
Parameter
Symbol
Typ
Max
Unit
Test conditions
Permissible junction temperature
Tj
—
125
°C
High-speed mode
Low-speed mode
Subosc-speed mode
105*1
Note:
Make sure that Tj = Ta + θja × total power consumption (W), where total power consumption = (VCC - VOH) × ΣIOH + VOL × ΣIOL +
ICCmax × VCC.
Note 1. The upper limit of operating temperature is 85°C or 105°C, depending on the product. If the part number shows the operation
temperature to 85°C, then Tj max is 105°C, otherwise, 125°C.
2.2.2
I/O VIH, VIL
Table 2.4
I/O VIH, VIL (1 of 2)
Parameter
Symbol
Min
Typ Max
Unit
Input voltage
(except for
Schmitt trigger
input pins)
Peripheral
function pin
EXTAL (external clock input), SPI
(except RSPCK)
VIH
VCC × 0.8
—
—
V
VIL
—
—
VCC × 0.2
I3C (SMBus)
VIH
2.1
—
VCC + 3.6
(max 5.8)
VIL
—
—
0.8
RA4E2 Datasheet
2. Electrical Characteristics
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 17 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com