Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4E2 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 81Page - Renesas Technology Corp RA4E2 Datasheet HTML 82Page - Renesas Technology Corp RA4E2 Datasheet HTML 83Page - Renesas Technology Corp RA4E2 Datasheet HTML 84Page - Renesas Technology Corp RA4E2 Datasheet HTML 85Page - Renesas Technology Corp RA4E2 Datasheet HTML 86Page - Renesas Technology Corp RA4E2 Datasheet HTML 87Page - Renesas Technology Corp RA4E2 Datasheet HTML 88Page - Renesas Technology Corp RA4E2 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 90 page
background image
Table 3.1
Peripheral base address (2 of 2)
Name
Description
Base address
USBFS
USB 2.0 FS Module
0x4009_0000
SSIE0
Serial Sound Interface Enhanced (SSIE)
0x4009_D000
CEC
Consumer Electronics Control
0x400A_C000
CANFD
CANFD Module Control
0x400B_0000
PSCU
Peripheral Security Control Unit
0x400E_0000
AGT0
Low Power Asynchronous General purpose Timer 0
0x400E_8000
AGT1
Low Power Asynchronous General purpose Timer 1
0x400E_8100
TSN
Temperature Sensor
0x400F_3000
CRC
CRC Calculator
0x4010_8000
DOC
Data Operation Circuit
0x4010_9000
SCI0
Serial Communication Interface 0
0x4011_8000
SCI9
Serial Communication Interface 9
0x4011_8900
SPI0
Serial Peripheral Interface 0
0x4011_A000
SPI1
Serial Peripheral Interface 1
0x4011_A100
I3C
I3C Bus Interface
0x4011_F000
CANFD ECC
CANFD ECC
0x4012_F000
GPT16E0
General PWM 16-Bit Timer 0 (16-bit Enhanced High Resolution)
0x4016_9000
GPT16E1
General PWM 16-Bit Timer 1 (16-bit Enhanced High Resolution)
0x4016_9100
GPT16E4
General PWM 16-Bit Timer 4 (16-bit Enhanced High Resolution)
0x4016_9400
GPT16E5
General PWM 16-Bit Timer 5 (16-bit Enhanced High Resolution)
0x4016_9500
GPT_OPS
Output Phase Switching Controller
0x4016_9A00
ADC120
12bit A/D Converter 0
0x4017_0000
DAC12
12-bit D/A converter
0x4017_1000
FLAD
Data Flash
0x407F_C000
FACI
Flash Application Command Interface
0x407F_E000
Note:
Name = Peripheral name
Description = Peripheral functionality
Base address = Lowest reserved address or address used by the peripheral
3.2
Access Cycles
This section provides access cycle information for the I/O registers described in this manual.
● Registers are grouped by associated module.
● The number of access cycles indicates the number of cycles based on the specified reference clock.
● In the internal I/O area, reserved addresses that are not allocated to registers must not be accessed, otherwise operations
cannot be guaranteed.
● The number of I/O access cycles depends on bus cycles of the internal peripheral bus, divided clock synchronization
cycles, and wait cycles of each module. Divided clock synchronization cycles differ depending on the frequency ratio
between ICLK and PCLK.
● When the frequency of ICLK is equal to that of PCLK, the number of divided clock synchronization cycles is always
constant.
● When the frequency of ICLK is greater than that of PCLK, at least 1 PCLK cycle is added to the number of divided
clock synchronization cycles.
● The number of write access cycles indicates the number of cycles obtained by non-bufferable write access.
RA4E2 Datasheet
Appendix 3. I/O Registers
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 85 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com