Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4E2 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 58Page - Renesas Technology Corp RA4E2 Datasheet HTML 59Page - Renesas Technology Corp RA4E2 Datasheet HTML 60Page - Renesas Technology Corp RA4E2 Datasheet HTML 61Page - Renesas Technology Corp RA4E2 Datasheet HTML 62Page - Renesas Technology Corp RA4E2 Datasheet HTML 63Page - Renesas Technology Corp RA4E2 Datasheet HTML 64Page - Renesas Technology Corp RA4E2 Datasheet HTML 65Page - Renesas Technology Corp RA4E2 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 90 page
background image
Table 2.34
SSIE timing (2 of 2)
(1) High drive output is selected with the Port Drive Capability bit in the PmnPFS register.
(2) Use pins that have a letter appended to their names, for instance “_A” , “_B” or “_C” to indicate group membership. For the SSIE
interface, the AC portion of the electrical characteristics is measured for each group.
Parameter
Symbol
Target specification
Unit
Comments
Min.
Max.
SSILRCK0/
SSIFS0,
SSITXD0,
SSIRXD0,
SSIDATA0
Input set up
time
Master
tSR
12
—
ns
Figure 2.54,
Figure 2.55
Slave
12
—
ns
Input hold time
Master
tHR
8
—
ns
Slave
15
—
ns
Output delay
time
Master
tDTR
-10
5
ns
Slave
0
20
ns
Figure 2.54,
Figure 2.55
Output delay
time from
SSILRCK0/
SSIFS0 change
Slave
tDTRW
—
20
ns
Figure 2.56*1
AUDIO_CLK
Cycle
tEXcyc
20
—
ns
Figure 2.53
High level/ low level
tEXL/tEXH
0.4
0.6
tEXcyc
Note 1. For slave-mode transmission, SSIE has a path, through which the signal input from the SSILRCK0/SSIFS0 pin is used to generate
transmit data, and the transmit data is logically output to the SSITXD0 or SSIDATA0 pin.
SSIBCK0
tHC
tO, tI
tLC
tRC
tFC
Figure 2.52
SSIE clock input/output timing
AUDIO_CLK
(input)
tEXH
tEXL
tEXr
tEXcyc
tEXf
1/2 VCC
Figure 2.53
Clock input timing
RA4E2 Datasheet
2. Electrical Characteristics
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 62 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com