Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4E2 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 14Page - Renesas Technology Corp RA4E2 Datasheet HTML 15Page - Renesas Technology Corp RA4E2 Datasheet HTML 16Page - Renesas Technology Corp RA4E2 Datasheet HTML 17Page - Renesas Technology Corp RA4E2 Datasheet HTML 18Page - Renesas Technology Corp RA4E2 Datasheet HTML 19Page - Renesas Technology Corp RA4E2 Datasheet HTML 20Page - Renesas Technology Corp RA4E2 Datasheet HTML 21Page - Renesas Technology Corp RA4E2 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 90 page
background image
Table 2.4
I/O VIH, VIL (2 of 2)
Parameter
Symbol
Min
Typ Max
Unit
Schmitt trigger
input voltage
Peripheral
function pin
I3C (except for SMBus)
VIH
VCC × 0.7
VCC + 3.6
(max 5.8)
V
VIL
VCC × 0.3
ΔVT
VCC × 0.05
5 V-tolerant ports*1 *5
VIH
VCC × 0.8
VCC + 3.6
(max 5.8)
VIL
VCC × 0.2
ΔVT
VCC × 0.05
Other input pins*2
VIH
VCC × 0.8
VIL
VCC × 0.2
ΔVT
VCC × 0.05
Ports
5 V-tolerant ports*3 *5
VIH
VCC × 0.8
VCC + 3.6
(max 5.8)
V
VIL
VCC × 0.2
Other input pins*4
VIH
VCC × 0.8
VIL
VCC × 0.2
Note 1. RES and peripheral function pins associated with P100, P101, P205, P206, P400, P401, P407 to P411 (total 12 pins).
Note 2. All input pins except for the peripheral function pins already described in the table.
Note 3. P100, P101, P205, P206, P400, P401, P407 to P411 (total 11pins).
Note 4. All input pins except for the ports already described in the table.
Note 5. When VCC is less than 2.7 V, the input voltage of 5 V-tolerant ports should be less than 3.6 V, otherwise breakdown may occur
because 5 V-tolerant ports are electrically controlled so as not to violate the break down voltage.
RA4E2 Datasheet
2. Electrical Characteristics
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 18 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com