Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4E2 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 71Page - Renesas Technology Corp RA4E2 Datasheet HTML 72Page - Renesas Technology Corp RA4E2 Datasheet HTML 73Page - Renesas Technology Corp RA4E2 Datasheet HTML 74Page - Renesas Technology Corp RA4E2 Datasheet HTML 75Page - Renesas Technology Corp RA4E2 Datasheet HTML 76Page - Renesas Technology Corp RA4E2 Datasheet HTML 77Page - Renesas Technology Corp RA4E2 Datasheet HTML 78Page - Renesas Technology Corp RA4E2 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 90 page
background image
Table 2.44
Data flash memory characteristics (2 of 2)
Conditions: Program or erase: FCLK = 4 to 50 MHz
Read: FCLK ≤ 50 MHz
Parameter
Symbol
FCLK = 4 MHz
20 MHz ≤ FCLK ≤ 50 MHz
Unit
Test
conditions
Min
Typ*6 Max Min
Typ*6
Max
Second suspend delay during
erasure in suspend priority mode
64-byte
tDSESD2 —
—
300 —
—
300
µs
128-byte
—
—
390 —
—
390
256-byte
—
—
570 —
—
570
Suspend delay during erasing in
erasure priority mode
64-byte
tDSEED
—
—
300 —
—
300
µs
128-byte
—
—
390 —
—
390
256-byte
—
—
570 —
—
570
First erasing resume time during erasure in suspend
priority mode*5
tDREST1 —
—
300 —
—
300
µs
Second erasing resume time during erasure in
suspend priority modeFirst erasing resume time
during erasure in suspend priority mode
tDREST2 —
—
126 —
—
70
µs
Erasing resume time during erasure in erasure
priority mode
tDREET
—
—
126 —
—
70
µs
Forced stop command
tFD
—
—
32
—
—
20
µs
Data hold time*3
tDRP
10*3 *4
—
—
10*3 *4
—
—
Year
30*3 *4
—
—
30*3 *4
—
—
Ta = +85°C
Note 1. The reprogram/erase cycle is the number of erasures for each block. When the reprogram/erase cycle is n times (n = 125,000),
erasing can be performed n times for each block. For example, when 4-byte programming is performed 16 times for different
addresses in 64-byte blocks, and then the entire block is erased, the reprogram/erase cycle is counted as one. However,
programming the same address several times as one erasure is not enabled. Overwriting is prohibited.
Note 2. This is the minimum number of times to guarantee all the characteristics after reprogramming. The guaranteed range is from 1 to
the minimum value.
Note 3. This indicates the minimum value of the characteristic when reprogramming is performed within the specified range.
Note 4. This result is obtained from reliability testing.
Note 5. Time for resumption includes time for reapplying the erasing pulse (up to one full pulse) that was cut off at the time of suspension.
Note 6. The reference value at VCC = 3.3 V and room temperature.
2.10.3
Option Setting Memory Characteristics
Table 2.45
Option setting memory characteristics
Conditions: Program: FCLK = 4 to 50 MHz
Read: FCLK ≤ 50 MHz
Parameter
Symbol
FCLK = 4 MHz
20 MHz ≤ FCLK ≤ 50 MHz
Unit
Test conditions
Min
Typ*4
Max
Min
Typ*4
Max
Programming time
NOPC ≤ 100 times
tOP
—
83
309
—
45
162
ms
Programming time
NOPC > 100 times
tOP
—
100
371
—
55
195
ms
Reprogramming cycle
NOPC
20000*1 —
—
20000*1 —
—
Times
Data hold time*2
tDRP
10*2 *3
—
—
10*2 *3
—
—
Years
30*2 *3
—
—
30*2 *3
—
—
Ta = +85°C
Note 1. This is the minimum number of times to guarantee all the characteristics after reprogramming. The guaranteed range is from 1 to
the minimum value.
Note 2. This indicates the minimum value of the characteristic when reprogramming is performed within the specified range.
Note 3. This result is obtained from reliability testing.
Note 4. The reference value at VCC = 3.3 V and room temperature.
RA4E2 Datasheet
2. Electrical Characteristics
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 75 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com