Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4E2 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 22Page - Renesas Technology Corp RA4E2 Datasheet HTML 23Page - Renesas Technology Corp RA4E2 Datasheet HTML 24Page - Renesas Technology Corp RA4E2 Datasheet HTML 25Page - Renesas Technology Corp RA4E2 Datasheet HTML 26Page - Renesas Technology Corp RA4E2 Datasheet HTML 27Page - Renesas Technology Corp RA4E2 Datasheet HTML 28Page - Renesas Technology Corp RA4E2 Datasheet HTML 29Page - Renesas Technology Corp RA4E2 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 90 page
background image
● Leakage current of IO = Σ (IOL × VOL) /Voltage + Σ (|IOH| × |VCC – VOH|) /Voltage
● Dynamic current of IO = Σ IO (Cin + Cload) × IO switching frequency × Voltage
– Cin: Input capacitance
– Cload: Output capacitance
Regarding θja and Ψjt, refer to Table 2.11.
Table 2.11
Thermal Resistance
Parameter
Package
Symbol
Value*1
Unit
Test conditions
Thermal Resistance
32-pin QFN (PWQN0032KE-A)
θja
36.8
°C/W
JESD 51-2 and 51-7
compliant
48-pin QFN (PWQN0048KC-A)
29.7
64-pin LQFP (PLQP0064KB-C)
41.3
36-pin BGA (PLBG0036KA-A)
53.7
64-pin BGA (PLBG0064KB-A)
51.6
32-pin QFN (PWQN0032KE-A)
Ψjt
0.36
°C/W
JESD 51-2 and 51-7
compliant
48-pin QFN (PWQN0048KC-A)
0.27
64-pin LQFP (PLQP0064KB-C)
1.39
36-pin BGA (PLBG0036KA-A)
1.70
64-pin BGA (PLBG0064KB-A)
1.70
Note 1. The values are reference values when the 4-layer board is used. Thermal resistance depends on the number of layers or size of the
board. For details, refer to the JEDEC standards.
2.2.7.1
Calculation guide of ICCmax
Table 2.12 shows the power consumption of each unit.
Table 2.12
Power consumption of each unit (1 of 2)
Dynamic current/
Leakage current
MCU
Domain
Category
Item
Frequency
[MHz]
Current
[uA/MHz]
Current*1
[mA]
Leakage current
Analog
LDO and Leak*2
Ta = 75 °C*3
—
—
25.10
Ta = 85 °C*3
—
—
30.64
Ta = 95 °C*3
—
—
35.90
Ta = 105 °C*3
—
—
41.60
RA4E2 Datasheet
2. Electrical Characteristics
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 26 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com