Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4E2 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 29Page - Renesas Technology Corp RA4E2 Datasheet HTML 30Page - Renesas Technology Corp RA4E2 Datasheet HTML 31Page - Renesas Technology Corp RA4E2 Datasheet HTML 32Page - Renesas Technology Corp RA4E2 Datasheet HTML 33Page - Renesas Technology Corp RA4E2 Datasheet HTML 34Page - Renesas Technology Corp RA4E2 Datasheet HTML 35Page - Renesas Technology Corp RA4E2 Datasheet HTML 36Page - Renesas Technology Corp RA4E2 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 90 page
background image
VCC
RES
Internal reset signal
(low is valid)
tRESWP
tRESWT
VCCmin
Figure 2.12
RES pin input timing under the condition that VCC exceeds VPOR voltage threshold
RES
Internal reset signal
(low is valid)
tRESWD, tRESWS, tRESW
tRESWT
Figure 2.13
Reset input timing
2.3.4
Wakeup Timing
Table 2.20
Timing of recovery from low power modes (1 of 2)
Parameter
Symbol
Min Typ
Max
Unit Test conditions
Recovery time from
Software Standby
mode*1
Crystal resonator
connected to main clock
oscillator
System clock source is
main clock oscillator*2
tSBYMC*13 —
2.1
2.4
ms
Figure 2.14
The division ratio of all
oscillators is 1.
System clock source is
PLL with main clock
oscillator*3
tSBYPC*13 —
2.2
2.6
ms
External clock input to
main clock oscillator
System clock source is
main clock oscillator*4
tSBYEX*13 —
45
125
μs
System clock source is
PLL with main clock
oscillator*5
tSBYPE*13 —
170
255
μs
System clock source is sub-clock oscillator*6 *11
tSBYSC*13 —
0.7
0.8
ms
System clock source is LOCO*7 *11
tSBYLO*13 —
0.7
0.9
ms
System clock source is HOCO clock oscillator*8
tSBYHO*13 —
55
130
µs
System clock source is PLL with HOCO*9
tSBYPH*13 —
175
265
µs
System clock source is MOCO clock oscillator*10
tSBYMO*13 —
35
65
µs
Recovery time from
Deep Software
Standby mode
DPSBYCR.DEEPCUT[1] = 0 and
DPSWCR.WTSTS[5:0] = 0x0E
tDSBY
—
0.38
0.54
ms
Figure 2.15
DPSBYCR.DEEPCUT[1] = 1 and
DPSWCR.WTSTS[5:0] = 0x19
tDSBY
—
0.55
0.73
ms
Wait time after cancellation of Deep Software Standby mode
tDSBYWT
56
—
57
tcyc
RA4E2 Datasheet
2. Electrical Characteristics
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 33 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com