Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4E2 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # RA4E2
Description  Renesas Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E2 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button RA4E2 Datasheet HTML 12Page - Renesas Technology Corp RA4E2 Datasheet HTML 13Page - Renesas Technology Corp RA4E2 Datasheet HTML 14Page - Renesas Technology Corp RA4E2 Datasheet HTML 15Page - Renesas Technology Corp RA4E2 Datasheet HTML 16Page - Renesas Technology Corp RA4E2 Datasheet HTML 17Page - Renesas Technology Corp RA4E2 Datasheet HTML 18Page - Renesas Technology Corp RA4E2 Datasheet HTML 19Page - Renesas Technology Corp RA4E2 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 90 page
background image
2.
Electrical Characteristics
Supported peripheral functions and pins differ from one product name to another.
Unless otherwise specified, the electrical characteristics of the MCU are defined under the following conditions:
● VCC = AVCC0 = VCC_USB = 2.7 to 3.6
● 2.7 ≤ VREFH0/VREFH ≤ AVCC0
● VSS = AVSS0 = VREFL0/VREFL = VSS_USB = 0 V
● Ta = Topr
Figure 2.1 shows the timing conditions.
For example, P100
C
VOH = VCC × 0.7, VOL = VCC × 0.3
VIH = VCC × 0.7, VIL = VCC × 0.3
Load capacitance C = 30 pF
Figure 2.1
Input or output timing measurement conditions
The recommended measurement conditions for the timing specification of each peripheral provided are for the best
peripheral operation. Make sure to adjust the driving abilities of each pin to meet your conditions.
2.1
Absolute Maximum Ratings
Table 2.1
Absolute maximum ratings
Parameter
Symbol
Value
Unit
Power supply voltage
VCC, VCC_USB*2
–0.3 to +4.0
V
Input voltage (except for 5 V-tolerant ports*1)
Vin
–0.3 to VCC + 0.3
V
Input voltage (5 V-tolerant ports*1)
Vin
–0.3 to + VCC + 4.0 (max. 5.8)
V
Reference power supply voltage
VREFH/VREFH0
–0.3 to VCC + 0.3
V
Analog power supply voltage
AVCC0*2
–0.3 to +4.0
V
Analog input voltage
VAN
–0.3 to AVCC0 + 0.3
V
Operating temperature*3 *4 *5
Topr
–40 to +105
°C
Storage temperature
Tstg
–55 to +125
°C
Note 1. Ports P100, P101, P205, P206, P400, P401 and P407 to P411 are 5 V tolerant.
Note 2. Connect AVCC0 and VCC_USB to VCC.
Note 3. See section 2.2.1. Tj/Ta Definition.
Note 4. Contact a Renesas Electronics sales office for information on derating operation when Ta = +85°C to +105°C. Derating is the
systematic reduction of load for improved reliability.
Note 5. The upper limit of operating temperature is +85°C or +105°C, depending on the product. For details, see section x.x. Part
Numbering.
RA4E2 Datasheet
2. Electrical Characteristics
R01DS0413EJ0110 Rev.1.10
Feb 28, 2023
Page 16 of 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com