Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4685 Datasheet (PDF) - Analog Devices

AD4685 Datasheet PDF - Analog Devices
Part # AD4685
Download  AD4685 Download
File Size   1441.83 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs

AD4685 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD4685 Datasheet PDF - Analog Devices

Part # AD4685
Download  AD4685 Click to download

File Size   1441.83 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs

AD4685 Datasheet (HTML) - Analog Devices


AD4685 Product details

GENERAL DESCRIPTION
The AD4684/AD4685 are 16-bit, dual, simultaneous sampling, high
speed, successive approximation register (SAR), analog-to-digital
converters (ADCs) that operate from a 3.0 V to 3.6 V power supply
and feature throughput rates of up to 1 MSPS for the AD4684 and
500 kSPS for the AD4685. The analog input types are single-ended
and are sampled and converted on the falling edge of CS.
The AD4684/AD4685 have an on-chip sequencer and integrated
on-chip oversampling block to improve dynamic range and reduce
noise at lower bandwidths. A buffered internal 2.5 V reference is
included. Alternatively, an external reference up to 3.3 V can be
used. The conversion process and data acquisition use standard
control inputs, allowing interfacing to microprocessors or digital
signal processors (DSPs). The AD4684/AD4685 is compatible with
1.8 V, 2.5 V, and 3.3 V interfaces by using the separate logic supply.
The AD4684/AD4685 are available in a 16-lead, 3 mm × 3 mm lead
frame chip scale package (LFCSP) with operation specified from
−40°C to +125°C.

FEATURES
► 16-bit dual simultaneous sampling SAR ADC
► Single-ended analog inputs
► 4-channel with 2:1 multiplexers
► Channel sequencer mode
► Throughput rate
► 1 MSPS (AD4684)
► 500 kSPS (AD4685)
► SNR (typical)
► 87.5 dB with VREF = 3.3 V external
► 93 dB with OSR_MODE = 1, OSR = 8, RES = 1, VREF = 2.5 V
internal
► On-chip oversampling functions
► INL ±1.5 LSB (typical)
► Resolution boost function
► 2.5 V internal reference at 10 ppm/°C (maximum)
► Alert function
► −40°C to +125°C temperature range
► 16-lead, 3 mm × 3 mm LFCSP

APPLICATIONS
► Motor control position feedback
► Motor control current sense
► Sonars
► Power quality
► Data acquisition systems
► Erbium doped fiber amplifier (EDFA) applications
► Inphase and quadrature demodulation




Similar Part No. - AD4685

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4680 AD-AD4680 Datasheet
427Kb / 29P
Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
10/2020-Revision 0
AD4680 AD-AD4680 Datasheet
665Kb / 31P
Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
1/2022-Revision 0
AD4680 AD-AD4680 Datasheet
638Kb / 31P
Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
1/2022-Revision 0
AD4680 AD-AD4680 Datasheet
611Kb / 31P
Differential Input, Quad, Internal Reference Simultaneous Sampling, 16-Bit SAR ADC
1/2022-Revision 0
AD4680 AD-AD4680 Datasheet
1Mb / 33P
Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Similar Description - AD4685

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7654ACPRL AD-AD7654ACPRL Datasheet
548Kb / 28P
16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
REV. B
AD7915 AD-AD7915 Datasheet
561Kb / 26P
16-Bit, 1 MSPS/500 kSPS Differential PulSAR ADCs
REV. 0
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
23-Feb-2017
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
27-May-2017
AD4680 AD-AD4680 Datasheet
427Kb / 29P
Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
10/2020-Revision 0
AD4682 AD-AD4682 Datasheet
656Kb / 30P
Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
10/2020-Revision 0
AD4695 AD-AD4695 Datasheet
1Mb / 96P
16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
12/2020-Revision 0
AD4030-24 AD-AD4030-24_V01 Datasheet
2Mb / 50P
24-Bit, 2 MSPS/500 kSPS, SAR ADCs
Rev. A
AD4630-16 AD-AD4630-16_V01 Datasheet
1Mb / 51P
16-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
AD4630-24 AD-AD4630-24_V01 Datasheet
2Mb / 52P
24-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com