Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7306 Datasheet (PDF) - Analog Devices

AD7306 Datasheet PDF - Analog Devices
Part # AD7306
Download  AD7306 Download
File Size   174.02 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V Powered RS-232/RS-422 Transceiver

AD7306 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7306 Datasheet PDF - Analog Devices

Part # AD7306
Download  AD7306 Click to download

File Size   174.02 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V Powered RS-232/RS-422 Transceiver

AD7306 Datasheet (HTML) - Analog Devices


AD7306 Product details

GENERAL DESCRIPTION
The AD7306 line driver/receiver is a 5 V monolithic product
which provides an interface between TTL signal levels and dual
standard EIA RS-232/RS-422 signal levels. The part contains
two RS-232 drivers, one RS-422 driver, one RS-232 receiver,
and one receiver path which can be configured either as RS-232
or as RS-422.
An internal charge pump voltage converter facilitates operation
from a single +5 V power supply. The internal charge pump
generates ±10 V levels allowing RS-232 output levels to be developed
without the need for external bipolar power supplies.
A highly efficient charge pump design allows operation using
non polarized, miniature 0.1 mF capacitors. This gives a considerable
saving in printed circuit board space over conventional
products which can use up to 10 mF capacitors. The charge
pump output voltages may also be used to power external circuitry
which requires dual supplies.
The RS-232 channels are suitable for communications rates up
to 100 kHz and the RS-422 channels are suitable for high speed
communications up to 5 MHz. The RS-422 transmitter complementary
outputs are closely matched and feature low timing
skew between the complementary outputs. This is often an essential
requirement to meet tight system timing specifications.
All inputs feature ESD protection, all driver outputs feature
high source and sink current capability and are internally protected
against short circuits on the outputs. An epitaxial layer is
used to guard against latch-up.
The part is available in a 24-lead SOIC and 24-pin plastic DIP package.

FEATURES
RS-232 and RS-422 on One Chip
Single +5 V Supply
0.1 mF Capacitors
Short Circuit Protection
Excellent Noise Immunity
Low Power BiCMOS Technology
High Speed, Low Skew RS-422 Operation
–408C to +858C Operations

APPLICATIONS
DTE-DCE Interface
Packet Switching
Local Area Networks
Data Concentration
Data Multiplexers
Integrated Services Digital Network (ISDN)




Similar Part No. - AD7306

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7306 AD-AD7306 Datasheet
149Kb / 8P
5 V Powered RS-232/RS-422 Transceiver
AD7306AN AD-AD7306AN Datasheet
149Kb / 8P
5 V Powered RS-232/RS-422 Transceiver
AD7306AR AD-AD7306AR Datasheet
149Kb / 8P
5 V Powered RS-232/RS-422 Transceiver
AD7306JN AD-AD7306JN Datasheet
149Kb / 8P
5 V Powered RS-232/RS-422 Transceiver
AD7306JR AD-AD7306JR Datasheet
149Kb / 8P
5 V Powered RS-232/RS-422 Transceiver
More results


Similar Description - AD7306

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7306 AD-AD7306 Datasheet
149Kb / 8P
5 V Powered RS-232/RS-422 Transceiver
logo
Exar Corporation
SP339E EXAR-SP339E Datasheet
1Mb / 21P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338EER1-0A EXAR-SP338EER1-0A Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
logo
Moxa Inc.
TCC-80 MOXA-TCC-80 Datasheet
1Mb / 5P
Port-powered RS-232 to RS-422/485 converters
logo
Advantech Co., Ltd.
BB-422LP25R ADVANTECH-BB-422LP25R Datasheet
342Kb / 1P
Port-powered RS-232 to RS-422 Converter
BB-422LP9R ADVANTECH-BB-422LP9R Datasheet
548Kb / 2P
Port-powered RS-232 to RS-422 Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com