Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3123 Datasheet (PDF) - Analog Devices

ADG3123 Datasheet PDF - Analog Devices
Part # ADG3123
Download  ADG3123 Download
File Size   232.98 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel CMOS Logic to High Voltage Level Translator

ADG3123 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG3123 Datasheet PDF - Analog Devices

Part # ADG3123
Download  ADG3123 Click to download

File Size   232.98 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel CMOS Logic to High Voltage Level Translator

ADG3123 Datasheet (HTML) - Analog Devices


ADG3123 Product details

GENERAL DESCRIPTION
The ADG3123 is an 8-channel, noninverting CMOS to high voltage level translator. Fabricated on an enhanced LC2MOS process, the device is capable of operating at high supply voltages while maintaining ultralow power consumption.
The internal architecture of the device ensures compatibility with logic circuits running from supply voltages within the 2.3 V to 5.5 V range. The voltages applied to Pin VDDA, Pin VDDB, and Pin VSS set the logic levels available at the outputs on the Y side of the device. Pin VDDA and Pin VDDB set the high output level for Pin Y1 to Pin Y6 and for Pin Y7 to Pin Y8, respectively. The VSS pin sets the low output level for all channels. The ADG3123 can provide output voltages levels down to −24.2 V for a low input level and up to +35 V for a high input logic level. For proper operation, VDDB must always be greater than or equal to VDDA and the voltage between the Pin VDDB and Pin VSS should not exceed 35 V.
The low output impedance of the channels guarantees fast rise and fall times even for significant capacitive loads. This feature, combined with low propagation delay and low power consumption, makes the ADG3123 an ideal driver for TFT-LCD panel applications.
The ADG3123 is guaranteed to operate over the −40°C to +85°C temperature range and is available in a compact, 20-lead TSSOP, Pb-free package.

FEATURES
2.3 V to 5.5 V input voltage range
Output voltage levels (VDDA and VDDB to VSS ≤ 35 V)
Low output voltage levels: down to −24.2 V
High output voltage levels: up to +35 V
Rise/fall time: 12 ns/19.5 ns typical
Propagation delay: 80 ns typical
Operating frequency: 100 kHz typical
Ultralow quiescent current: 65 μA typical
20-lead, Pb-free, TSSOP package

APPLICATIONS
Low voltage to high voltage translation
TFT-LCD panels
Piezoelectric motor drivers




Similar Part No. - ADG3123

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3123 AD-ADG3123 Datasheet
276Kb / 12P
8-Channel CMOS Logic to High Voltage Level Translator
5/06-Rev. 0 to Rev. A
ADG3123BRUZ AD-ADG3123BRUZ Datasheet
276Kb / 12P
8-Channel CMOS Logic to High Voltage Level Translator
5/06-Rev. 0 to Rev. A
ADG3123BRUZ-REEL AD-ADG3123BRUZ-REEL Datasheet
276Kb / 12P
8-Channel CMOS Logic to High Voltage Level Translator
5/06-Rev. 0 to Rev. A
ADG3123BRUZ-REEL7 AD-ADG3123BRUZ-REEL7 Datasheet
276Kb / 12P
8-Channel CMOS Logic to High Voltage Level Translator
5/06-Rev. 0 to Rev. A
ADG3123 AD-ADG3123_15 Datasheet
232Kb / 12P
8-Channel CMOS Logic to High Voltage Level Translator
REV. B
More results


Similar Description - ADG3123

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT01 SUTEX-HT01 Datasheet
93Kb / 4P
8 - Channel Logic To High-Voltage Level Translator
logo
Analog Devices
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
4/05-Revision 0
ADG3123 AD-ADG3123 Datasheet
276Kb / 12P
8-Channel CMOS Logic to High Voltage Level Translator
5/06-Rev. 0 to Rev. A
logo
Maxim Integrated Produc...
MAX14611 MAXIM-MAX14611 Datasheet
2Mb / 15P
Quad Bidirectional Low-Voltage Logic-Level Translator
Rev 0; 4/12
logo
Analog Devices
ADG3304 AD-ADG3304_13 Datasheet
618Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. D
ADG3300BRUZ AD-ADG3300BRUZ Datasheet
616Kb / 20P
Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3123 AD-ADG3123_15 Datasheet
232Kb / 12P
8-Channel CMOS Logic to High Voltage Level Translator
REV. B
logo
Texas Instruments
LSF0108-Q1 TI1-LSF0108-Q1 Datasheet
1Mb / 24P
Automotive 8-Channel Multi-Voltage Level Translator
logo
Maxim Integrated Produc...
MAX14595 MAXIM-MAX14595 Datasheet
1Mb / 11P
Low-Power Dual-Channel Logic-Level Translator
Rev 0; 12/11
logo
Analog Devices
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com