Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3231 Datasheet (PDF) - Analog Devices

ADG3231 Datasheet PDF - Analog Devices
Part # ADG3231
Download  ADG3231 Download
File Size   236.17 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.65 V to 3.6 V, Single-Channel Level Translator in SOT-23 Package

ADG3231 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG3231 Datasheet PDF - Analog Devices

Part # ADG3231
Download  ADG3231 Click to download

File Size   236.17 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.65 V to 3.6 V, Single-Channel Level Translator in SOT-23 Package

ADG3231 Datasheet (HTML) - Analog Devices


ADG3231 Product details

GENERAL DESCRIPTION
The ADG3231 is a single-channel level translator designed on a submicron process that is guaranteed to operate over the 1.65 V to 3.6 V supply range. The device can be used in applications requiring communication between digital devices operating from multiple supply voltages. The logic levels on each side of the device are set by the two supply voltages, VCC1 for A and VCC2 for Y. The signal path is unidirectional, meaning data can flow only from A to Y.
The ADG3231 can operate with any combination of VCC1 and VCC2 supply voltages within the 1.65 V to 3.6 V range, allowing the part to perform either up (VCC1 < VCC2) or down (VCC1 > VCC2) level translation. The output stage is protected
against current overload, which can occur when the Y pin is accidentally shorted to the VCC2 or GND rails.
The ADG3231 is available in the SOT-23 (2.8 mm × 2.9 mm × 1.3 mm) ultracompact package, making the part ideal for applications where space is critical.

FEATURES
Operates from 1.65 V to 3.6 V supply rails
Unidirectional signal path
Up/down level translation
Ultracompact 6-lead SOT-23 package
Output short-circuit protection
LVTTL-/CMOS-compatible inputs

APPLICATIONS
Level translation in
PDAs
Handsets
MP3 players




Similar Part No. - ADG3231

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3231 AD-ADG3231 Datasheet
173Kb / 8P
Low Voltage, Single-Channel Level Translator
REV.0
ADG3231BRJ AD-ADG3231BRJ Datasheet
173Kb / 8P
Low Voltage, Single-Channel Level Translator
REV.0
ADG3231BRJ-REEL AD-ADG3231BRJ-REEL Datasheet
173Kb / 8P
Low Voltage, Single-Channel Level Translator
REV.0
ADG3231BRJ-REEL7 AD-ADG3231BRJ-REEL7 Datasheet
173Kb / 8P
Low Voltage, Single-Channel Level Translator
REV.0
ADG3231BRJ-REEL7 AD-ADG3231BRJ-REEL7 Datasheet
236Kb / 12P
1.65V to 3.6V, Single-Channel Level Translator in SOT-23 Package
REV. C
More results


Similar Description - ADG3231

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3233 AD-ADG3233 Datasheet
271Kb / 12P
Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV.0
ADG804 AD-ADG804 Datasheet
157Kb / 16P
0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
4/04-Revision 0
ADG841 AD-ADG841 Datasheet
552Kb / 16P
0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
4/05-Revision 0
ADG804 AD-ADG804_11 Datasheet
253Kb / 16P
0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG3231BRJZ-REEL7 AD-ADG3231BRJZ-REEL7 Datasheet
236Kb / 12P
1.65V to 3.6V, Single-Channel Level Translator in SOT-23 Package
REV. C
ADG3233BRJ AD-ADG3233BRJ Datasheet
292Kb / 16P
Low Voltage 1.65 V to 3.6 V,Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG3231 AD-ADG3231_15 Datasheet
236Kb / 12P
1.65 V to 3.6 V, Single-Channel Level Translator in SOT-23 Package
REV. C
ADG3233 AD-ADG3233_15 Datasheet
292Kb / 16P
Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG3233 AD-ADG3233_V01 Datasheet
380Kb / 16P
Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com