Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4662 Datasheet (PDF) - Analog Devices

ADN4662 Datasheet PDF - Analog Devices
Part # ADN4662
Download  ADN4662 Download
File Size   220.72 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single, 3 V, CMOS, LVDS Differential Line Receiver

ADN4662 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN4662 Datasheet PDF - Analog Devices

Part # ADN4662
Download  ADN4662 Click to download

File Size   220.72 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single, 3 V, CMOS, LVDS Differential Line Receiver

ADN4662 Datasheet (HTML) - Analog Devices


ADN4662 Product details

GENERAL DESCRIPTION
The ADN4662 is a single, CMOS, low voltage differential signaling (LVDS) line receiver offering data rates of over 400 Mbps (200 MHz), and ultralow power consumption. It features a flow-through pinout for easy PCB layout and separation of input and output signals.
The device accepts low voltage (310 mV typical) differential input signals and converts them to a single-ended 3 V TTL/ CMOS logic level.
The ADN4662 and its companion driver, the ADN4661, offer a new solution to high speed, point-to-point data transmission, and a low power alternative to emitter-coupled logic (ECL) or positive emitter-coupled logic (PECL).

FEATURES
±15 kV ESD protection on input pins
400 Mbps (200 MHz) switching rates
Flow-through pinout simplifies PCB layout
2.5 ns maximum propagation delay
3.3 V power supply
High impedance outputs on power-down
Low power design: typically 18 mW (quiescent)
Interoperable with existing 5 V LVDS drivers
Accepts small swing (310 mV typical) differential signal levels
Supports open, short, and terminated input fail-safe
0 V to −100 mV threshold region
Conforms to TIA/EIA-644 LVDS standard
Industrial operating temperature range: −40°C to +85°C
Available in surface-mount (SOIC) package

APPLICATIONS
Point-to-point data transmission
Multidrop buses
Clock distribution networks
Backplane receivers




Similar Part No. - ADN4662

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4662 AD-ADN4662 Datasheet
593Kb / 12P
LVDS and M-LVDS Circuit Implementation Guide
REV. 0
More results


Similar Description - ADN4662

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
3V LVDS Single CMOS Differential Line Receiver
DS90LT012A NSC-DS90LT012A_08 Datasheet
246Kb / 8P
3V LVDS Single CMOS Differential Line Receiver
logo
Analog Devices
ADN4668 AD-ADN4668 Datasheet
306Kb / 12P
3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
ADN4666 AD-ADN4666 Datasheet
262Kb / 12P
3 V, LVDS, Quad CMOS Differential Line Receiver
REV. 0
ADN4668ARZ AD-ADN4668ARZ Datasheet
286Kb / 12P
3 V LVDS Quad CMOS Differential Line Receiver
REV. A
logo
Texas Instruments
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
3V LVDS Single CMOS Differential Line Receiver
DS90LV018A TI1-DS90LV018A_13 Datasheet
1Mb / 17P
3V LVDS Single CMOS Differential Line Receiver
DS90LV048A TI1-DS90LV048A_16 Datasheet
1Mb / 22P
3-V LVDS Quad CMOS Differential Line Receiver
logo
Analog Devices
ADN4664 AD-ADN4664 Datasheet
284Kb / 12P
Dual, 3 V, CMOS, LVDS Differential Line Receiver
Rev. 0
ADN4668 AD-ADN4668_V01 Datasheet
286Kb / 12P
3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com