Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4664 Datasheet (PDF) - Analog Devices

ADN4664 Datasheet PDF - Analog Devices
Part # ADN4664
Download  ADN4664 Download
File Size   284.36 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 3 V, CMOS, LVDS Differential Line Receiver

ADN4664 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN4664 Datasheet PDF - Analog Devices

Part # ADN4664
Download  ADN4664 Click to download

File Size   284.36 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 3 V, CMOS, LVDS Differential Line Receiver

ADN4664 Datasheet (HTML) - Analog Devices


ADN4664 Product details

GENERAL DESCRIPTION
The ADN4664 is a dual, CMOS, low voltage differential signaling (LVDS) line receiver offering data rates of over 400 Mbps (200 MHz) and ultralow power consumption. It features a flow-through pinout for easy PCB layout and separation of input and output signals.
The device accepts low voltage (310 mV typical) differential input signals and converts them to a single-ended 3 V TTL/ CMOS logic level.
The ADN4664 and its companion driver, the ADN4663, offer a new solution to high speed, point-to-point data transmission, and a low power alternative to emitter-coupled logic (ECL) or positive emitter-coupled logic (PECL).

FEATURES
±15 kV ESD protection on output pins
400 Mbps (200 MHz) switching rates
Flow-through pinout simplifies PCB layout
100 ps channel-to-channel skew (typical)
2.5 ns maximum propagation delay
3.3 V power supply
High impedance outputs on power-down
Low power design: typically 3 mW (quiescent)
Interoperable with existing 5 V LVDS drivers
Accepts small swing (310 mV typical) differential signal levels
Supports open, short, and terminated input fail-safe
0 V to −100 mV threshold region
Conforms to TIA/EIA-644 LVDS standard
Industrial operating temperature range: −40°C to +85°C
Available in surface-mount (SOIC) package

APPLICATIONS
Point-to-point data transmission
Multidrop buses
Clock distribution networks
Backplane receivers




Similar Part No. - ADN4664

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4664 AD-ADN4664 Datasheet
593Kb / 12P
LVDS and M-LVDS Circuit Implementation Guide
REV. 0
More results


Similar Description - ADN4664

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
3V LVDS Dual CMOS Differential Line Receiver
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
LVDS Quad CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
3V LVDS Dual CMOS Differential Line Receiver
logo
Analog Devices
ADN4668 AD-ADN4668 Datasheet
306Kb / 12P
3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
ADN4666 AD-ADN4666 Datasheet
262Kb / 12P
3 V, LVDS, Quad CMOS Differential Line Receiver
REV. 0
logo
Texas Instruments
DS90LV028ATMX TI-DS90LV028ATMX Datasheet
1Mb / 18P
DS90LV028A 3V LVDS Dual CMOS Differential Line Receiver
logo
Analog Devices
ADN4668ARZ AD-ADN4668ARZ Datasheet
286Kb / 12P
3 V LVDS Quad CMOS Differential Line Receiver
REV. A
logo
Texas Instruments
DS90LV048A TI1-DS90LV048A_16 Datasheet
1Mb / 22P
3-V LVDS Quad CMOS Differential Line Receiver
logo
Analog Devices
ADN4662 AD-ADN4662 Datasheet
220Kb / 12P
Single, 3 V, CMOS, LVDS Differential Line Receiver
Rev. A
ADN4668 AD-ADN4668_V01 Datasheet
286Kb / 12P
3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com