Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM431 Datasheet (PDF) - Analog Devices

ADUCM431 Datasheet PDF - Analog Devices
Part # ADUCM431
Download  ADUCM431 Download
File Size   88.15 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and

ADUCM431 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUCM431 Datasheet PDF - Analog Devices

Part # ADUCM431
Download  ADUCM431 Click to download

File Size   88.15 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and

ADUCM431 Datasheet (HTML) - Analog Devices


ADUCM431 Product details

FEATURES
► Analog input and output
► Multichannel, 12-bit, 2 MSPS ADC
► Up to 16 external channels
► Power, VDAC, IDAC, and temperature monitor internal
channels
► Single-ended and differential modes
► 0 V to VREF analog input range
► Input buffer included
► Digital comparators
► Up to nine, 12-bit voltage output VDACs
► 4-channel, selectable output range
► 0 V to 2.5 V or AVDDx − 0.1 V
► AVDDNEG + 0.2 V to 0 V or −2.5 V to 0 V (ADuCM430
only)
► 4-channel, 0 V to 2.5 V or AVDDx − 0.2 V
► 1-channel, 0 V to 2.5 V
► Up to 4 low noise, 12-bit IDACs (ADuCM430 only)
► Configurable output range: 50 mA, 100 mA, or 150 mA
► 4 voltage comparators with adjustable hysteresis voltage
► TEC controller (ADuCM430 only)
► Optional Buck or LDO regulator modes if not using TEC
► Maximum heating and cooling current: 1.3 A
► Current and voltage monitoring and protection
► Soft start function
► Microcontroller
► 32-bit Arm Cortex-M3 core, RISC architecture
► Serial wire port supports code download and debug
► Clocking options
► 16 MHz on-chip oscillator
► 80 MHz PLL output
► External clock source
► 2× 512 kB independent Flash/EE memories
► 48 kB SRAM
► Software triggered, in circuit reprogrammability via I2C
► On-chip peripherals
► 1× UART, 2× SPI, 2× I2C serial input and output
► GPIO with multilevel voltage (3.3 V, 1.8 V, and 1.2 V) digital
inputs
► MDIO target up to 4 MHz (open drain)
► 3× 16-bit and 1× 32-bit general-purpose timers
► Wake-up timer (WUT)
► Watchdog timers (WDT)
► 32 element PLA
► 16-bit PWM
► Manchester encoder and decoder
► All GPIOs support external interrupt
► Power
► Multiple supplies
► AVDDx, IOVDDx, DVDD, and PVDDTECx (ADuCM430 only):
2.85 V to 3.63 V
► AVDDNEG (ADuCM430 only): −1.8 V to −3.63 V
► PVDDIDACx (ADuCM430 only): 1.60 V to AVDDx
► Flexible operating modes for low power applications
► Packages and temperature range
► 5 mm x 5 mm, 0.4 mm pitch, 121-ball CSP_BGA
► Fully specified for TJ = –40°C to +125°C
► Tools
► Low cost QuickStart development system, which is available
upon request from InfoOpticalNetwork@analog.com
► Full third-party support

APPLICATIONS
► Optical networking—100G/200G/400G and higher frequency
modules




Similar Part No. - ADUCM431

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM431 AD-ADUCM431 Datasheet
93Kb / 2P
Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and TECC, Arm Cortex-M3
Rev. SpB
More results


Similar Description - ADUCM431

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC702X AD-ADUC702X_1 Datasheet
841Kb / 78P
Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADUC7128BSTZ126-RL AD-ADUC7128BSTZ126-RL Datasheet
1Mb / 92P
Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
REV. 0
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7128 AD-ADUC7128_15 Datasheet
1Mb / 92P
Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
Rev. 0
ADUC7129 AD-ADUC7129_15 Datasheet
1Mb / 92P
Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
Rev. 0
ADUCM410 AD-ADUCM410 Datasheet
836Kb / 35P
Precision Analog Microcontroller, 16-Bit Analog Input/Output with MDIO Interface, Arm Cortex-M33
9/2020-Revision 0
ADUCM420 AD-ADUCM420 Datasheet
335Kb / 25P
Precision Analog Microcontroller, 12-Bit Analog Input/Output with MDIO Interface, Arm Cortex-M33
1/2021-Revision 0
ADUC7120 AD-ADUC7120 Datasheet
1Mb / 102P
Precision Analog Microcontroller, 12-Bit Analog Input/Output, ARM7TDMI MCU
9/2017-Rev. C to Rev. D
ADUCM430 AD-ADUCM430 Datasheet
83Kb / 2P
Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and TECC, Arm Cortex-M3
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com