Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM431 Datasheet(PDF) 1 Page - Analog Devices

Part # ADUCM431
Description  Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM431 Datasheet(HTML) 1 Page - Analog Devices

  ADUCM431 Datasheet HTML 1Page - Analog Devices ADUCM431 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
ADuCM430/ADuCM431
Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and
TECC, Arm Cortex-M3
Rev. SpA
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Analog input and output
►
Multichannel, 12-bit, 2 MSPS ADC
►
Up to 16 external channels
►
Power, VDAC, IDAC, and temperature monitor internal
channels
►
Single-ended and differential modes
►
0 V to VREF analog input range
►
Input buffer included
►
Digital comparators
►
Up to nine, 12-bit voltage output VDACs
►
4-channel, selectable output range
►
0 V to 2.5 V or AVDDx − 0.1 V
►
AVDDNEG + 0.2 V to 0 V or −2.5 V to 0 V (ADuCM430
only)
►
4-channel, 0 V to 2.5 V or AVDDx − 0.2 V
►
1-channel, 0 V to 2.5 V
►
Up to 4 low noise, 12-bit IDACs (ADuCM430 only)
►
Configurable output range: 50 mA, 100 mA, or 150 mA
►
4 voltage comparators with adjustable hysteresis voltage
►
TEC controller (ADuCM430 only)
►
Optional Buck or LDO regulator modes if not using TEC
►
Maximum heating and cooling current: 1.3 A
►
Current and voltage monitoring and protection
►
Soft start function
►
Microcontroller
►
32-bit Arm Cortex-M3 core, RISC architecture
►
Serial wire port supports code download and debug
►
Clocking options
►
16 MHz on-chip oscillator
►
80 MHz PLL output
►
External clock source
►
Memory
►
2× 512 kB independent Flash/EE memories
►
48 kB SRAM
►
Software triggered, in circuit reprogrammability via I2C
►
On-chip peripherals
►
1× UART, 2× SPI, 2× I2C serial input and output
►
GPIO with multilevel voltage (3.3 V, 1.8 V, and 1.2 V) digital
inputs
►
MDIO target up to 4 MHz (open drain)
►
3× 16-bit and 1× 32-bit general-purpose timers
►
Wake-up timer (WUT)
►
Watchdog timers (WDT)
►
32 element PLA
►
16-bit PWM
►
Manchester encoder and decoder
►
All GPIOs support external interrupt
►
Power
►
Multiple supplies
►
AVDDx, IOVDDx, DVDD, and PVDDTECx (ADuCM430 on-
ly): 2.85 V to 3.63 V
►
AVDDNEG (ADuCM430 only): −1.8 V to −3.63 V
►
PVDDIDACx (ADuCM430 only): 1.60 V to AVDDx
►
Flexible operating modes for low power applications
►
Packages and temperature range
►
5 mm x 5 mm, 0.4 mm pitch, 121-ball CSP_BGA
►
Fully specified for TJ = –40°C to +125°C
►
Tools
►
Low cost QuickStart development system, which is available
upon request from InfoOpticalNetwork@analog.com
►
Full third-party support
APPLICATIONS
►
Optical networking—100G/200G/400G and higher frequency
modules
For more information on the ADuCM430/ADuCM431, contact InfoOpticalNetwork@analog.com.


Similar Part No. - ADUCM431

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM431 AD-ADUCM431 Datasheet
93Kb / 2P
Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and TECC, Arm Cortex-M3
Rev. SpB
More results

Similar Description - ADUCM431

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC702X AD-ADUC702X_1 Datasheet
841Kb / 78P
Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADUC7128BSTZ126-RL AD-ADUC7128BSTZ126-RL Datasheet
1Mb / 92P
Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
REV. 0
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7128 AD-ADUC7128_15 Datasheet
1Mb / 92P
Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
Rev. 0
ADUC7129 AD-ADUC7129_15 Datasheet
1Mb / 92P
Precision Analog Microcontroller ARM7TDMI MCU with 12-Bit ADC and DDS DAC
Rev. 0
ADUCM410 AD-ADUCM410 Datasheet
836Kb / 35P
Precision Analog Microcontroller, 16-Bit Analog Input/Output with MDIO Interface, Arm Cortex-M33
9/2020-Revision 0
ADUCM420 AD-ADUCM420 Datasheet
335Kb / 25P
Precision Analog Microcontroller, 12-Bit Analog Input/Output with MDIO Interface, Arm Cortex-M33
1/2021-Revision 0
ADUC7120 AD-ADUC7120 Datasheet
1Mb / 102P
Precision Analog Microcontroller, 12-Bit Analog Input/Output, ARM7TDMI MCU
9/2017-Rev. C to Rev. D
ADUCM430 AD-ADUCM430 Datasheet
83Kb / 2P
Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and TECC, Arm Cortex-M3
Rev. Sp0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com