Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1370 Datasheet (PDF) - Renesas Technology Corp

F1370 Datasheet PDF - Renesas Technology Corp
Part # F1370
Download  F1370 Download
File Size   1484.71 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wide flat performance IF BW

F1370 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1370 Datasheet PDF - Renesas Technology Corp

Part # F1370
Download  F1370 Click to download

File Size   1484.71 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wide flat performance IF BW

F1370 Datasheet (HTML) - Renesas Technology Corp


F1370 Product details

FEATURES (I OR Q PATH)
Wide flat performance IF BW
Wide RF and LO BWs (~ 1.6 GHz)
Ideal for Multi-Carrier Systems
Drives ADC directly
Ultra linear +41 dBm IP3O
Low Noise Figure
Excellent ACLR performance
200 Ω output impedance
Fully integrated DPD demodulator
6x6 36 pin package
Standby Mode w/Fast Recovery
ICC: 275 mA




Similar Part No. - F1370

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1370 IDT-F1370 Datasheet
1Mb / 25P
DPD Demodulator for PA Linearization
logo
Renesas Technology Corp
F1370 RENESAS-F1370 Datasheet
1Mb / 29P
Wide flat performance IF BW
Rev4 January 2014
logo
Cree, Inc
F13700 CREE-F13700 Datasheet
350Kb / 3P
Barbara series
logo
Ledil, Inc.
F13700 LEDIL-F13700 Datasheet
6Mb / 15P
~15째 spot beam
logo
Cree, Inc
F13701 CREE-F13701 Datasheet
356Kb / 3P
Barbara series
More results


Similar Description - F1370

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0487A TAI-SAW-TB0487A Datasheet
338Kb / 5P
IF SAW Filter 45.75MHz(BW=3.6MHz)
TB0186A TAI-SAW-TB0186A Datasheet
440Kb / 4P
70MHz SAW IF Filter (BW=20MHz)
TB0200A TAI-SAW-TB0200A Datasheet
404Kb / 4P
350MHz IF SAW Filter (BW=2.6MHz)
logo
Integrated Technology F...
251658B ITF-251658B Datasheet
189Kb / 3P
15MHz BW IF Dual Bandpass Filter
logo
Analog Devices
AD6674 AD-AD6674 Datasheet
2Mb / 91P
385 MHz BW IF Diversity Receiver
REV. B
AD6679 AD-AD6679 Datasheet
1Mb / 81P
135 MHz BW IF Diversity Receiver
REV. B
logo
New Japan Radio
NSNJ2000 NJRC-NSNJ2000 Datasheet
263Kb / 4P
PHS-IF f0=265.55MHz BW=0.2MHz
logo
Analog Devices
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
385 MHz BW IF Diversity Receiver
23-Feb-2017
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
135 MHz BW IF Diversity Receiver
23-Feb-2017
logo
Renesas Technology Corp
F1320 RENESAS-F1320 Datasheet
1Mb / 29P
Wide flat performance IF BW
Rev4 January 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com