Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

251658B Datasheet (PDF) - Integrated Technology Future

251658B Datasheet PDF - Integrated Technology Future
Part # 251658B
Download  251658B Download
File Size   189.83 Kbytes
Page   3 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 15MHz BW IF Dual Bandpass Filter

251658B Datasheet (PDF)

Go To PDF Page Download Datasheet
251658B Datasheet PDF - Integrated Technology Future

Part # 251658B
Download  251658B Click to download

File Size   189.83 Kbytes
Page   3 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 15MHz BW IF Dual Bandpass Filter

251658B Datasheet (HTML) - Integrated Technology Future




Similar Part No. - 251658B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
251651B ITF-251651B Datasheet
194Kb / 5P
SAW Bandpass Filter
2007-04-11
251652B ITF-251652B Datasheet
195Kb / 5P
SAW Bandpass Filter
2007-04-11
251654B ITF-251654B Datasheet
285Kb / 5P
SAW Bandpass Filter
2009-04-13
251659B ITF-251659B Datasheet
174Kb / 2P
Typical 1dB bandwidth of 16.1 MHz
More results


Similar Description - 251658B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0763A TAI-SAW-TB0763A Datasheet
393Kb / 7P
IF SAW Filter 120MHz(BW=15MHz) SMD 13.3X6.5mm
TA1177A TAI-SAW-TA1177A Datasheet
153Kb / 7P
SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1323A TAI-SAW-TA1323A Datasheet
150Kb / 7P
SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
logo
Integrated Technology F...
251501B ITF-251501B Datasheet
199Kb / 5P
IF Bandpass Filter
logo
Advanced Crystal Techno...
ACTF2170 ACT-ACTF2170 Datasheet
214Kb / 3P
IF bandpass filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0783A TAI-SAW-TB0783A Datasheet
397Kb / 7P
IF SAW Filter 153.6MHz(BW=15MHz) SMD 5X7mm
TB0963A TAI-SAW-TB0963A Datasheet
320Kb / 8P
SAW Filter 140MHz 15MHz BW (SMD 5.0횞7.0 mm)
TA2667A TAI-SAW-TA2667A Datasheet
495Kb / 11P
SAW Filter 2017.5 MHz SMD 1109(BW=15MHz)
TA2667B TAI-SAW-TA2667B Datasheet
495Kb / 11P
SAW Filter 2017.5 MHz SMD 1109(BW=15MHz)
logo
Transko Electronics, In...
TF006000BV-IT TRANSKO-TF006000BV-IT Datasheet
1Mb / 3P
IF Bandpass Filter
Rev. 0: Mar. 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com