Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF2170 Datasheet (PDF) - Advanced Crystal Technology

ACTF2170 Datasheet PDF - Advanced Crystal Technology
Part # ACTF2170
Download  ACTF2170 Download
File Size   214.12 Kbytes
Page   3 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description IF bandpass filter

ACTF2170 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACTF2170 Datasheet PDF - Advanced Crystal Technology

Part # ACTF2170
Download  ACTF2170 Click to download

File Size   214.12 Kbytes
Page   3 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description IF bandpass filter

ACTF2170 Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - ACTF2170

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF2102 ACT-ACTF2102 Datasheet
761Kb / 4P
SAW BANDPASS FILTER
13-7-2011
ACTF2102-140-SMP03 ACT-ACTF2102-140-SMP03 Datasheet
761Kb / 4P
SAW BANDPASS FILTER
13-7-2011
ACTF2107 ACT-ACTF2107 Datasheet
979Kb / 4P
SAW BANDPASS FILTER
13-7-2011
ACTF2107-140-SMP03 ACT-ACTF2107-140-SMP03 Datasheet
979Kb / 4P
SAW BANDPASS FILTER
13-7-2011
ACTF2137 ACT-ACTF2137 Datasheet
715Kb / 4P
SAW BANDPASS FILTER
13-7-2011
More results


Similar Description - ACTF2170

ManufacturerPart #DatasheetDescription
logo
EPCOS
X7001L EPCOS-X7001L Datasheet
64Kb / 6P
SAW Components IF Bandpass Filter
logo
TEMEX
TMXAT06 TEMEX-TMXAT06 Datasheet
449Kb / 5P
SAW Bandpass Filter - Telecom - IF
logo
Oscilent Corporation
807-SL110.0M-A OSCILENT-807-SL110.0M-A Datasheet
199Kb / 6P
110.0MHz IF SAW Bandpass Filter
862-SL120.0M-A OSCILENT-862-SL120.0M-A Datasheet
117Kb / 4P
120MHz IF SAW Bandpass Filter
logo
Integrated Technology F...
251501B ITF-251501B Datasheet
199Kb / 5P
IF Bandpass Filter
251658B ITF-251658B Datasheet
189Kb / 3P
15MHz BW IF Dual Bandpass Filter
logo
Transko Electronics, In...
TF006000BV-IT TRANSKO-TF006000BV-IT Datasheet
1Mb / 3P
IF Bandpass Filter
Rev. 0: Mar. 2023
TL110AS TRANSKO-TL110AS Datasheet
659Kb / 4P
110.00 MHz IF SAW Bandpass Filter
Revision 3: 21 May 2008
TL110BS TRANSKO-TL110BS Datasheet
616Kb / 4P
110.5920 MHz IF SAW Bandpass Filter
Revision 1: 06 Jan. 2012
TL120AM1 TRANSKO-TL120AM1 Datasheet
391Kb / 3P
120.00 MHz IF SAW Bandpass Filter
Revision 0:
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com