Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF2170 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF2170
Description  IF bandpass filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF2170 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF2170 Datasheet HTML 1Page - Advanced Crystal Technology ACTF2170 Datasheet HTML 2Page - Advanced Crystal Technology ACTF2170 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
5. Performance
5-1. Maximum Ratings
Rating
Value
Unit
Source Power
PS
18
dBm
DC Voltage
VDC
0
V
Storage Temperature Range
Tstg
-40 to +85
℃
Operating Temperature Range
TA
-40 to +85
℃
5-2. Electronic Characteristics
Characteristic
Minimum
Typical
Maximum
Unit
Center Frequency
fC
--
70.0
--
MHz
Insertion Loss (@70.00MHz)
IL
--
14.5
16.0
dB
-1dB BW
BW1
27.0
29.0
MHz
Pass band width
-40dB BW
BW40
34.8
36.0
MHz
Ultimate Rejection
<Fc-18MHz
>Fc+18MHz
40
40
50
50
dB
Amplitude Ripple
0.8
1.2
dB
Phase Linearity (90%of 1dB Bandwidth)
5.0
10
degree
Group Delay at fC (@25 )
τ
C
1.12
--
μs
Group Delay Ripple (fc+/-14MHz)
Δ
τ
--
80
120
ns
Temperature Coefficient of Frequency
TCf
--
-70
--
ppm/K
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
○
C ACT 2012. All Rights Reserved.
NOTE:
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50Ω test system with VSWR≤1.2:1. The test fixture L and C are adjusted for minimum insertion
loss at the filter center frequency, fC. Note that insertion loss, bandwidth, and passband shape are dependent on
the impedance matching component values and quality.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The specifications of this device are based on the test circuit shown above and subject to change or obsolescence
without notice.
5.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
6.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com