Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF2170 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF2170
Description  IF bandpass filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF2170 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF2170 Datasheet HTML 1Page - Advanced Crystal Technology ACTF2170 Datasheet HTML 2Page - Advanced Crystal Technology ACTF2170 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The ACTF2170-70.0-SMP-53 is a high performance IF bandpass filter in a surface-mount ceramic
SMP-53 case with center frequency 70.00 MHz.
1. Package Dimension (SMP-53)
Pin
Configuration
5
Input-Ground
6
Input
11
Output-Ground
12
Output
Others
be grounded
Unit: mm
2. Marking
ACTF**
2170
●
- The logo “ACT” indicates our product’s mark
- The character “F” indicates the type of SAW component. Including: F (filter), R (resonator) etc.
- The “2170” indicates the model name of SAW component
- The dot “·”indicates terminal 1
3. Matching Network (Input and output unbalanced)
L1=410nH
L2=135nH
C1=60pF
L3=110nH
(Notes: Component values may change depending on board layout.)
1


Similar Part No. - ACTF2170

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF2102 ACT-ACTF2102 Datasheet
761Kb / 4P
SAW BANDPASS FILTER
13-7-2011
ACTF2102-140-SMP03 ACT-ACTF2102-140-SMP03 Datasheet
761Kb / 4P
SAW BANDPASS FILTER
13-7-2011
ACTF2107 ACT-ACTF2107 Datasheet
979Kb / 4P
SAW BANDPASS FILTER
13-7-2011
ACTF2107-140-SMP03 ACT-ACTF2107-140-SMP03 Datasheet
979Kb / 4P
SAW BANDPASS FILTER
13-7-2011
ACTF2137 ACT-ACTF2137 Datasheet
715Kb / 4P
SAW BANDPASS FILTER
13-7-2011
More results

Similar Description - ACTF2170

ManufacturerPart #DatasheetDescription
logo
EPCOS
X7001L EPCOS-X7001L Datasheet
64Kb / 6P
SAW Components IF Bandpass Filter
logo
TEMEX
TMXAT06 TEMEX-TMXAT06 Datasheet
449Kb / 5P
SAW Bandpass Filter - Telecom - IF
logo
Oscilent Corporation
807-SL110.0M-A OSCILENT-807-SL110.0M-A Datasheet
199Kb / 6P
110.0MHz IF SAW Bandpass Filter
862-SL120.0M-A OSCILENT-862-SL120.0M-A Datasheet
117Kb / 4P
120MHz IF SAW Bandpass Filter
logo
Integrated Technology F...
251501B ITF-251501B Datasheet
199Kb / 5P
IF Bandpass Filter
251658B ITF-251658B Datasheet
189Kb / 3P
15MHz BW IF Dual Bandpass Filter
logo
Transko Electronics, In...
TF006000BV-IT TRANSKO-TF006000BV-IT Datasheet
1Mb / 3P
IF Bandpass Filter
Rev. 0: Mar. 2023
TL110AS TRANSKO-TL110AS Datasheet
659Kb / 4P
110.00 MHz IF SAW Bandpass Filter
Revision 3: 21 May 2008
TL110BS TRANSKO-TL110BS Datasheet
616Kb / 4P
110.5920 MHz IF SAW Bandpass Filter
Revision 1: 06 Jan. 2012
TL120AM1 TRANSKO-TL120AM1 Datasheet
391Kb / 3P
120.00 MHz IF SAW Bandpass Filter
Revision 0:
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com