Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE8092 Datasheet (PDF) - Texas Instruments

AFE8092 Datasheet PDF - Texas Instruments
Part # AFE8092_V01
Download  AFE8092 Download
File Size   866.66 Kbytes
Page   13 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFE8092 Octal-Channel RF Transceiver with Feedback Paths

AFE8092 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE8092 Datasheet PDF - Texas Instruments

Part # AFE8092_V01
Download  AFE8092 Click to download

File Size   866.66 Kbytes
Page   13 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFE8092 Octal-Channel RF Transceiver with Feedback Paths

AFE8092 Datasheet (HTML) - Texas Instruments


AFE8092 Product details

1 Features
• Octal RF sampling 12-GSPS transmit DACs
• Octal RF sampling 4-GSPS receive ADCs
• Maximum RF signal bandwidth:
– TX/FB: 800 MHz.
• 1200 MHz in 4 channels mode
– RX: 400 MHz
• 800 MHz in 4 channels mode
• RF frequency range: up to 6GHz
• Digital Step Attenuators (DSA):
– TX: 40-dB range, 1-dB analog and 0.125-dB
digital steps
– RX/FB: 31/25-dB range, 1-dB step
• Single DUC/DDC per chain
• Dual NCO’s per chain for fast frequency switching
• Supports TDD operation with fast switching
between TX and RX
• Internal PLL/VCO to generate DAC/ADC clocks
• Optional external CLK at DAC or ADC rate
• SerDes data interface:
– JESD204B and JESD204C
– 8 SerDes transceivers up to 32.5 Gbps
– 8b/10b and 64b/66b Encoding
– 12-bit, 16-bit, 24-bit and 32-bit resolution
– Subclass 1 multi-device synchronization
• Package:
– 17-mm × 17-mm FCBGA, 0.8-mm pitch

2 Applications
• Macro remote radio unit (RRU)
• Active antenna system mMIMO (AAS)
• Small cell base station
• Distributed Antenna Systems (DAS)
• Repeater

3 Description
The AFE8092 is a high performance, wide bandwidth
multi-channel transceiver, integrating eight RF
sampling transmitter chains, eight RF sampling
receiver chains and two separate RF front end for the
auxiliary chains (feedback paths). The high dynamic
range of the transmitter and receiver chains allows
generating and receiving 3G, 4G and 5G signals
for wireless base stations, while the wide bandwidth
capability makes the AFE8092 devices suitable for
multi-band 4G and 5G base stations.
Each receiver chain includes a 31-dB range DSA
(Digital Step Attenuator), followed by a 4-GSPS
ADC (analog-to-digital converter). Each receiver
channel has analog peak power detectors and digital
peak and power detectors to assist an external or
internal autonomous automatic gain controller, and
RF overload detectors for device reliability protection.
The digital down converters (DDC) provides up to
400 MHz of combined signal BW in 8 channels
mode and 800MHz in 4 channels mode. In TDD
mode, the receiver channel can be configured to
dynamically switching between traffic receiver (TDD
RX) and wideband feedback receiver (TDD FB), with
the capability of re-using the same analog input for
both purposes.
Each transmitter chain includes a digital up converters
(DUCs) supporting up to 800-MHz combined signal
bandwidth (1200MHz in 4 channels mode). The
output of the DUCs drives a 12-GSPS DAC (digital
to analog converter) with a mixed mode output option
to enhance 2nd Nyquist operation. The DAC output
includes a variable gain amplifier (TX DSA) with 40-
dB range and 1-dB analog and 0.125-dB digital steps.
The feedback path includes a 25-dB range DSA
driving a 4-GSPS RF sampling ADC, shared with
receiver chain, followed by a DDC with up to 800-MHz
bandwidth(1200 MHz in 4-channel mode).




Similar Part No. - AFE8092_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE8092HIABJ TI2-AFE8092HIABJ Datasheet
798Kb / 13P
AFE8092 Octal-Channel RF Transceiver with Feedback Paths
REVISED NOVEMBER 2024
AFE8092HIABJ.B TI2-AFE8092HIABJ.B Datasheet
798Kb / 13P
AFE8092 Octal-Channel RF Transceiver with Feedback Paths
REVISED NOVEMBER 2024
AFE8092IABJ TI-AFE8092IABJ Datasheet
902Kb / 12P
AFE8092 Octal-Channel RF Transceiver with Feedback Paths
AFE8092IABJ TI2-AFE8092IABJ Datasheet
798Kb / 13P
AFE8092 Octal-Channel RF Transceiver with Feedback Paths
REVISED NOVEMBER 2024
AFE8092IABJ.B TI2-AFE8092IABJ.B Datasheet
798Kb / 13P
AFE8092 Octal-Channel RF Transceiver with Feedback Paths
REVISED NOVEMBER 2024
More results


Similar Description - AFE8092_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AC11620 PHILIPS-74AC11620 Datasheet
178Kb / 7P
OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
logo
Texas Instruments
AFE7799 TI1-AFE7799 Datasheet
338Kb / 9P
Quad-Channel RF Transceiver With Feedback Path
AFE7769 TI1-AFE7769 Datasheet
341Kb / 9P
AFE7769 Quad-Channel RF Transceiver With Feedback Path
AFE7920 TI1-AFE7920 Datasheet
350Kb / 12P
AFE79xx Quad-Channel RF Transceiver With Feedback Path
AFE8092 TI-AFE8092 Datasheet
902Kb / 12P
AFE8092 Octal-Channel RF Transceiver with Feedback Paths
AFE8030 TI-AFE8030 Datasheet
970Kb / 13P
AFE8030 Octal-Channel RF Transceiver with Feedback Paths
DECEMBER 2021
AFE8030 TI-AFE8030_V01 Datasheet
974Kb / 14P
AFE8030 Octal-Channel RF Transceiver with Feedback Paths
DECEMBER 2021
AFE8030 TI-AFE8030_V02 Datasheet
1Mb / 20P
AFE8030 Octal-Channel RF Transceiver with Feedback Paths
REVISED SEPTEMBER 2022
AFE7769D TI1-AFE7769D Datasheet
1Mb / 12P
AFE77xxD Quad-Channel RF Transceiver With Dual Feedback Paths Integrating CFR/DPD
JULY 2023
AFE7769D TI-AFE7769D_V01 Datasheet
1Mb / 12P
AFE77xxD Quad/Dual-Channel RF Transceiver With Dual Feedback Paths Integrating CFR/DPD
REVISED OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com