Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE7769D Datasheet (PDF) - Texas Instruments

AFE7769D Datasheet PDF - Texas Instruments
Part # AFE7769D
Download  AFE7769D Download
File Size   1412.77 Kbytes
Page   12 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AFE77xxD Quad-Channel RF Transceiver With Dual Feedback Paths Integrating CFR/DPD

AFE7769D Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE7769D Datasheet PDF - Texas Instruments

Part # AFE7769D
Download  AFE7769D Click to download

File Size   1412.77 Kbytes
Page   12 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AFE77xxD Quad-Channel RF Transceiver With Dual Feedback Paths Integrating CFR/DPD

AFE7769D Datasheet (HTML) - Texas Instruments


AFE7769D Product details

1 Features
• Quad transmitters based on 0-IF up-conversion
architecture:
– Up to 650 MHz (AFE77x8D) / 730 MHz
(AFE7769D) of RF transmitted DPD expanded
bandwidth per chain
• Quad receivers based on 0-IF down-conversion
architecture:
– Up to 200 MHz (AFE77x8D) / 300 MHz
(AFE7769D) of RF received bandwidth per
chain
• Feedback chain based on direct RF sampling
architecture:
– Up to 650 MHz (AFE77x8D) / 730 MHz
(AFE7769D) of RF observed DPD expanded
bandwidth
• Integrated CFR/DPD for PA linearization
– Up to 200MHz (AFE77x8D) / 300MHz
(AFE7769D) instantaneous bandwidth
– Up to 650MHz (AFE77x8D) / 730MHz
(AFE7769D) DPD expansion bandwidth
• Integrated CFR/DPD for PA linearization
– Multistage CFR with configurable cancelling
pulses
– Hardware accelerated DPD estimation engine
– Signal Dynamics based corrector for GaN PA
linearization
– Smart data capture
• RF frequency range: 600 MHz to 6 GHz
• Four wideband fractional-N PLL, VCO for TX and
RX LO
• Dedicated integer-N PLL, VCO for data converters
clock generation
• JESD204B and JESD204C SerDes interface
support:
– 4 SerDes transceivers up to 29.5 Gbps
– 8b/10b and 64b/66b encoding
– 16-bit, 12-bit, 24-bit and 32-bit formatting
– Subclass 1 multi-device synchronization
• Package: 17-mm × 17-mm FCBGA, 0.8-mm pitch

2 Applications
• Macro remote radio unit (RRU)
• Small cell base station
• Active antenna system mMIMO (AAS)
• Distributed Antenna Systems (DAS)
• Repeater

3 Description
The AFE77xxD is a pin-compatible family of highperformance,
multichannel transceivers, integrating
four (AFE7768D/AFE7769D) or two (AFE7728D)
direct up-conversion transmitter chains, four
(AFE7768D/AFE7769D) or two (AFE7728D) direct
down-conversion receiver chains, two wideband RF
sampling digitizing auxiliary chains (feedback paths)
and low-power Digital Pre-Distortion (DPD) engine
for Power Amplifier (PA) linearization. The high
dynamic range of the transmitter and receiver chains
enables wireless base stations to transmit and receive
2G, 3G, 4G, and 5G signals. The integrated Crest
Factor Reduction (CFR) unit helps reduce the Peakto-
Average Ratio (PAR) of the input signal for more
efficient transmission through the Power Amplifier.
The integrated hardware accelerated DPD estimator
and corrector provides flexible and efficient DPD
solution for PA linearization. The integrated DPD
engine corrects the distortion due to PA nonlinearity
for signals up to 200MHz (AFE77x8D) / 300MHz
(AFE7769D) instanteous bandwidth, and within up
to 650MHz (AFE77x8D) / 730MHz (AFE7769D) DPD
expanded bandwidth. A dedicated GaN corrector
addresses the long-term nonlinear memory effects
due to charge trapping of GaN PAs.
The low power dissipation and high density channel
integration of the AFE77xxD allow the device to
address the power and size constraints of 4G and
5G base stations. The wideband and high dynamic
range feedback path can assist the DPD of the power
amplifiers in the transmitter chain through smart data
capture at various intercepting points. The available
29.5Gbps SerDes speed can help reduce the number
of lanes required to transfer the data in and out.




Similar Part No. - AFE7769D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7769D TI-AFE7769D Datasheet
1Mb / 12P
AFE77xxD Quad/Dual-Channel RF Transceiver With Dual Feedback Paths Integrating CFR/DPD
REVISED OCTOBER 2023
AFE7769DIABJ TI-AFE7769DIABJ Datasheet
1Mb / 12P
AFE77xxD Quad/Dual-Channel RF Transceiver With Dual Feedback Paths Integrating CFR/DPD
REVISED OCTOBER 2023
AFE7769D TI-AFE7769D_V01 Datasheet
1Mb / 12P
AFE77xxD Quad/Dual-Channel RF Transceiver With Dual Feedback Paths Integrating CFR/DPD
REVISED OCTOBER 2023
More results


Similar Description - AFE7769D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7799 TI1-AFE7799 Datasheet
338Kb / 9P
Quad-Channel RF Transceiver With Feedback Path
AFE7769 TI1-AFE7769 Datasheet
341Kb / 9P
AFE7769 Quad-Channel RF Transceiver With Feedback Path
AFE7920 TI1-AFE7920 Datasheet
350Kb / 12P
AFE79xx Quad-Channel RF Transceiver With Feedback Path
AFE8092 TI-AFE8092 Datasheet
902Kb / 12P
AFE8092 Octal-Channel RF Transceiver with Feedback Paths
AFE8030 TI-AFE8030 Datasheet
970Kb / 13P
AFE8030 Octal-Channel RF Transceiver with Feedback Paths
DECEMBER 2021
AFE8030 TI-AFE8030_V01 Datasheet
974Kb / 14P
AFE8030 Octal-Channel RF Transceiver with Feedback Paths
DECEMBER 2021
AFE8092 TI-AFE8092_V01 Datasheet
866Kb / 13P
AFE8092 Octal-Channel RF Transceiver with Feedback Paths
REVISED OCTOBER 2021
AFE8030 TI-AFE8030_V02 Datasheet
1Mb / 20P
AFE8030 Octal-Channel RF Transceiver with Feedback Paths
REVISED SEPTEMBER 2022
AFE7952 TI-AFE7952_V01 Datasheet
862Kb / 13P
AFE7952 Quad-Channel RF Transceiver
NOVEMBER 2022
AFE7769D TI-AFE7769D_V01 Datasheet
1Mb / 12P
AFE77xxD Quad/Dual-Channel RF Transceiver With Dual Feedback Paths Integrating CFR/DPD
REVISED OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com