Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8452 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
DRV8452 Datasheet PDF - Texas Instruments
Part # DRV8452
Download  DRV8452 Download
File Size   4237.69 Kbytes
Page   117 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8452 Stepper Motor Driver with Auto-torque, Silent Step Decay Mode and Automatic Microstepping

DRV8452 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8452 Datasheet PDF - Texas Instruments

Part # DRV8452
Download  DRV8452 Click to download

File Size   4237.69 Kbytes
Page   117 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8452 Stepper Motor Driver with Auto-torque, Silent Step Decay Mode and Automatic Microstepping

DRV8452 Datasheet (HTML) - Texas Instruments


DRV8452 Product details

1 Features
• Stepper motor driver
– SPI or H/W interface with STEP/DIR pins
– Up to 1/256 microstepping indexer
• 4.5 V to 48 V operating supply voltage range
• Low RDS(ON): 100 mΩ HS + LS at 24 V, 25°C
• High current capacity per bridge:
– DDW Package: 5A full-scale, 3.5A RMS
– PWP Package: 4A full-scale, 2.8A RMS
• DDW package pin-to-pin compatible with -
– DRV8462DDWR
• PWP package pin-to-pin compatible with -
– SPI Interface: DRV8434S
– H/W Interface: DRV8424, DRV8426, DRV8434
• Integrated current sensing and regulation
– 5% full-scale current accuracy
• Smart tune and mixed decay regulation options
• Silent step decay mode for silent operation at
standstill and low speed
• Automatic Microstepping mode for step
frequency interpolation
• Customizable microstepping indexer table
• Auto-torque for load dependent current control
• Standstill Power Saving mode
• Supports 1.8-V, 3.3-V, 5.0-V logic inputs
• Low-current sleep mode (3 μA)
• Separate logic supply voltage (VCC)
• Protection and diagnostic features
– Sensorless Stall Detection
– VM undervoltage lockout (UVLO)
– Open-load detection (OL)
– Overcurrent protection (OCP)
– Thermal shutdown (OTSD)
– Fault condition output (nFAULT)
– Indexer zero position output (nHOME)

2 Applications
• Textile Machines
• Factory Automation, Stepper Drives and Robotics
• Medical Imaging, Diagnostics and Equipment
• Stage Lighting
• ATMs and Currency Counters
• PLC
• Printers
• 3D Printer
• Outdoor IP Camera

3 Description
The DRV8452 is a wide-voltage, high-power, highperformance
stepper motor driver. The device
supports up to 48-V supply voltage, and integrated
MOSFETs with 100 mΩ HS + LS on-resistance allow
up to 5-A current with the DDW package; and up to
4-A current with the PWP package.
The auto-torque feature boosts system efficiency by
adjusting the coil current according to load torque.
The standstill power saving mode reduces power
loss during motor holding condition. The silent step
decay guarantees noiseless operation. The internal
current sense architecture eliminates the need for
external sense resistors, therefore saving PCB area
and system cost. The built-in indexer supports up to
1/256 microstepping, and the automatic microstepping
mode interpolates the input STEP signal to reduce
overhead on the controller. Stall detection eliminates
end stops from the system. The device supports
other protection and diagnostic features for robust and
reliable operation.
The DRV8452 requires only minimal tuning to
configure the advanced features. High energy
efficiency coupled with precise, noiseless operation
makes the DRV8452 an ideal choice for highperformance
stepper motor systems.




Similar Part No. - DRV8452

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8402 TI-DRV8402 Datasheet
1Mb / 18P
Dual Full Bridge PWM Motor Driver
DRV8402DKD TI-DRV8402DKD Datasheet
1Mb / 18P
Dual Full Bridge PWM Motor Driver
DRV8402DKDR TI-DRV8402DKDR Datasheet
1Mb / 18P
Dual Full Bridge PWM Motor Driver
DRV8410 TI-DRV8410 Datasheet
1Mb / 45P
DRV8410 Dual H-Bridge Motor Driver with Current Regulation
SEPTEMBER 2022
DRV8410 TI-DRV8410 Datasheet
1Mb / 45P
DRV8411 Dual H-Bridge Motor Driver with Current Regulation
SEPTEMBER 2022
More results


Similar Description - DRV8452

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1037AER AKM-AP1037AER Datasheet
1Mb / 24P
Stepper Motor Driver IC equipped with Active Decay Control
AP1037AEN AKM-AP1037AEN Datasheet
1Mb / 24P
Stepper Motor Driver IC equipped with Active Decay Control
AP1035AER AKM-AP1035AER Datasheet
1Mb / 26P
Stepper Motor Driver IC equipped with Active Decay Control
AP1035AEN AKM-AP1035AEN Datasheet
1Mb / 26P
Stepper Motor Driver IC equipped with Active Decay Control
AP1034AER AKM-AP1034AER Datasheet
1Mb / 25P
Stepper Motor Driver IC equipped with Active Decay Control
AP1034AEN AKM-AP1034AEN Datasheet
1Mb / 25P
Stepper Motor Driver IC equipped with Active Decay Control
AP1034 AKM-AP1034 Datasheet
1Mb / 25P
Stepper Motor Driver IC equipped with Active Decay Control
AP1035 AKM-AP1035 Datasheet
1Mb / 26P
Stepper Motor Driver IC equipped with Active Decay Control
AP1037 AKM-AP1037 Datasheet
1Mb / 26P
Stepper Motor Driver IC equipped with Active Decay Control
logo
Texas Instruments
DRV8462 TI-DRV8462 Datasheet
4Mb / 118P
DRV8462 Stepper Motor Driver with Auto-torque, Silent Step Decay Mode and Automatic Microstepping
AUGUST 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com