Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8462 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
DRV8462 Datasheet PDF - Texas Instruments
Part # DRV8462
Download  DRV8462 Download
File Size   4364.84 Kbytes
Page   118 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8462 Stepper Motor Driver with Auto-torque, Silent Step Decay Mode and Automatic Microstepping

DRV8462 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8462 Datasheet PDF - Texas Instruments

Part # DRV8462
Download  DRV8462 Click to download

File Size   4364.84 Kbytes
Page   118 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8462 Stepper Motor Driver with Auto-torque, Silent Step Decay Mode and Automatic Microstepping

DRV8462 Datasheet (HTML) - Texas Instruments


DRV8462 Product details

1 Features
• Stepper motor driver
– SPI or H/W interface with STEP/DIR pins
– Up to 1/256 microstepping indexer
• 4.5 V to 65 V operating supply voltage range
• Low RDS(ON): 100 mΩ HS + LS at 24 V, 25°C
• High current capacity per bridge:
– DDW Package: 5A full-scale, 3.5A RMS
– DDV Package: 10A full-scale, 7A RMS
• DDW package pin-to-pin compatible with -
– DRV8452DDWR: 48 V, 5A full-scale
• Integrated current sensing and regulation
– 5% full-scale current accuracy
• Smart tune and mixed decay regulation options
• Silent step decay mode for silent operation at
standstill and low speed
• Automatic Microstepping mode for step
frequency interpolation
• Customizable microstepping indexer table
• Auto-torque for load dependent current control
• Standstill Power Saving mode
• Supports 1.8-V, 3.3-V, 5.0-V logic inputs
• Low-current sleep mode (3 μA)
• Separate logic supply voltage (VCC)
• Protection and diagnostic features
– Sensorless Stall Detection
– VM undervoltage lockout (UVLO)
– Open-load detection (OL)
– Overcurrent protection (OCP)
– Thermal shutdown (OTSD)
– Fault condition output (nFAULT)
– Indexer zero position output (nHOME)

2 Applications
• Textile Machines
• Factory Automation, Stepper Drives and Robotics
• Medical Imaging, Diagnostics and Equipment
• Stage Lighting
• ATMs and Currency Counters
• PLC
• Printers
• 3D Printer
• Outdoor IP Camera

3 Description
The DRV8462 is a wide-voltage, high-power, highperformance
stepper motor driver. The device
supports up to 65-V supply voltage, and integrated
MOSFETs with 100 mΩ HS + LS on-resistance allow
up to 5-A current with the DDW package; and up to
10-A current with the DDV package.
The auto-torque feature boosts system efficiency by
adjusting the coil current according to load torque.
The standstill power saving mode reduces power
loss during motor holding condition. The silent step
decay mode guarantees noiseless operation. The
internal current sense architecture eliminates the
need for external sense resistors, therefore saving
PCB area and system cost. The built-in indexer of
the DRV8462 supports up to 1/256 microstepping,
and the automatic microstepping mode interpolates
the input STEP signal to reduce overhead on the
controller MCU. Sensorless stall detection eliminates
end stops from the system. The device supports
other protection and diagnostic features for robust and
reliable operation.
The DRV8462 requires only minimal tuning to
configure the advanced features. High energy
efficiency coupled with precise, noiseless operation
makes the DRV8462 an ideal choice for highperformance
stepper motor systems.




Similar Part No. - DRV8462

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8461 TI-DRV8461 Datasheet
3Mb / 117P
DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
DECEMBER 2022
DRV8461DDWR TI-DRV8461DDWR Datasheet
3Mb / 117P
DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
DECEMBER 2022
DRV8461PWPR TI-DRV8461PWPR Datasheet
3Mb / 117P
DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
DECEMBER 2022
DRV8461SPWPR TI-DRV8461SPWPR Datasheet
3Mb / 117P
DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
DECEMBER 2022
More results


Similar Description - DRV8462

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1037AER AKM-AP1037AER Datasheet
1Mb / 24P
Stepper Motor Driver IC equipped with Active Decay Control
AP1037AEN AKM-AP1037AEN Datasheet
1Mb / 24P
Stepper Motor Driver IC equipped with Active Decay Control
AP1035AER AKM-AP1035AER Datasheet
1Mb / 26P
Stepper Motor Driver IC equipped with Active Decay Control
AP1035AEN AKM-AP1035AEN Datasheet
1Mb / 26P
Stepper Motor Driver IC equipped with Active Decay Control
AP1034AER AKM-AP1034AER Datasheet
1Mb / 25P
Stepper Motor Driver IC equipped with Active Decay Control
AP1034AEN AKM-AP1034AEN Datasheet
1Mb / 25P
Stepper Motor Driver IC equipped with Active Decay Control
AP1034 AKM-AP1034 Datasheet
1Mb / 25P
Stepper Motor Driver IC equipped with Active Decay Control
AP1035 AKM-AP1035 Datasheet
1Mb / 26P
Stepper Motor Driver IC equipped with Active Decay Control
AP1037 AKM-AP1037 Datasheet
1Mb / 26P
Stepper Motor Driver IC equipped with Active Decay Control
logo
Texas Instruments
DRV8452 TI-DRV8452 Datasheet
4Mb / 117P
DRV8452 Stepper Motor Driver with Auto-torque, Silent Step Decay Mode and Automatic Microstepping
AUGUST 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com