Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461 Datasheet (PDF) - Texas Instruments

DRV8461 Datasheet PDF - Texas Instruments
Part # DRV8461
Download  DRV8461 Download
File Size   3474.33 Kbytes
Page   117 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation

DRV8461 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8461 Datasheet PDF - Texas Instruments

Part # DRV8461
Download  DRV8461 Click to download

File Size   3474.33 Kbytes
Page   117 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation

DRV8461 Datasheet (HTML) - Texas Instruments


DRV8461 Product details

1 Features
• Stepper Motor Driver
– SPI or H/W Interface with STEP/DIR pins
– Up to 1/256 Microstepping Indexer
• 4.5 V to 65 V Operating Supply Voltage Range
– Supports standard 24 V, 36 V and 48 V rails
• Low RDS(ON): 300 mΩ HS + LS at 24 V, 25°C
• High Current Capacity Per Bridge:
– 3 A full-scale, 2.1 A RMS
• DDW package pin-to-pin compatible with -
– DRV8452DDWR: 48 V, 5A full-scale
– DRV8462DDWR: 65 V, 5- 10A full-scale
• PWP package pin-to-pin compatible with -
– DRV8434/52: 48 V, 2.5-5A
– DRV8424/26: 33 V, 1.5-2.5A
• Integrated current sensing and regulation
– ±5% full-scale current accuracy
• Smart tune and mixed decay regulation options
• Silent step Decay mode for silent operation at
standstill and low speed
• Automatic Microstepping mode for step
frequency interpolation
• Customizable microstepping indexer table
• Auto-torque for load dependent current control
• Standstill Power Saving mode
• Supports 1.8-V, 3.3-V, 5.0-V logic inputs
• Low-current sleep mode (2.5 μA)
• Separate logic supply voltage (VCC)
• Protection and Diagnostic features
– Sensorless Stall Detection
– VM undervoltage lockout (UVLO)
– Open-load Detection (OL)
– Overcurrent protection (OCP)
– Thermal shutdown (OTSD)
– Fault condition output (nFAULT)
– Indexer zero position output (nHOME)

2 Applications
• Factory Automation, Stepper Drives and Robotics
• Textile Machines, Sewing machines
• Medical Imaging, Diagnostics and Equipment
• Stage Lighting
• ATMs, Currency Counters
• PLC, DCS & PAC
• Multifunction Printers
• 3D Printer
• Outdoor IP Camera

3 Description
The DRV8461 is a wide-voltage, high-power, highperformance
stepper motor driver. The device
supports up to 65-V supply voltage, and integrated
MOSFETs with 300 mΩ HS + LS on-resistance allow
up to 3-A current.
The auto-torque feature boosts efficiency by adjusting
the coil current according to load torque. Standstill
power saving mode reduces power loss during motor
holding condition. Silent step decay mode delivers
noiseless operation at low speeds and standstill. The
internal current sense eliminates the need for sense
resistors, saving PCB area and system cost. Built-in
indexer supports up to 1/256 microstepping, and the
automatic microstepping mode interpolates the input
STEP signal to reduce overhead on the controller.
Sensorless stall detection eliminates end stops from
the system. The device supports other protection and
diagnostic features for robust and reliable operation.
The DRV8461 requires minimal tuning to configure
the advanced features. The DRV8461 supports higher
power density compared to external FET drivers,
with a smaller PCB area. High energy efficiency with
precise, noiseless operation makes the DRV8461 an
ideal choice for high-performance stepper systems.




Similar Part No. - DRV8461

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8462 TI-DRV8462 Datasheet
4Mb / 118P
DRV8462 Stepper Motor Driver with Auto-torque, Silent Step Decay Mode and Automatic Microstepping
AUGUST 2022
DRV8462DDVR TI-DRV8462DDVR Datasheet
4Mb / 118P
DRV8462 Stepper Motor Driver with Auto-torque, Silent Step Decay Mode and Automatic Microstepping
AUGUST 2022
DRV8462DDWR TI-DRV8462DDWR Datasheet
4Mb / 118P
DRV8462 Stepper Motor Driver with Auto-torque, Silent Step Decay Mode and Automatic Microstepping
AUGUST 2022
More results


Similar Description - DRV8461

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IFO2175-830-FL AXIOMTEK-IFO2175-830-FL Datasheet
384Kb / 2P
Fanless and noiseless operation
IFO2175-850-FL AXIOMTEK-IFO2175-850-FL Datasheet
402Kb / 2P
Fanless and noiseless operation
IFO2225-830-FL AXIOMTEK-IFO2225-830-FL Datasheet
335Kb / 2P
Fanless and noiseless operation
NA-320FL AXIOMTEK-NA-320FL Datasheet
259Kb / 1P
Supports fanless and noiseless operation
NA-813FL AXIOMTEK-NA-813FL Datasheet
211Kb / 1P
Supports fanless and noiseless operation
logo
Murata Manufacturing Co...
PRF18BE471RB1RB MURATA-PRF18BE471RB1RB Datasheet
197Kb / 3P
contactless operation provides noiseless operation
PRF18BE471RS2RB MURATA-PRF18BE471RS2RB Datasheet
207Kb / 3P
contactless operation provides noiseless operation
PRF18BF471RS5RB MURATA-PRF18BF471RS5RB Datasheet
207Kb / 3P
contactless operation provides noiseless operation
PRF21BA471QB1RA MURATA-PRF21BA471QB1RA Datasheet
196Kb / 3P
contactless operation provides noiseless operation
logo
Axiomtek Co., Ltd.
NA813FL AXIOMTEK-NA813FL Datasheet
252Kb / 1P
Supports fanless and noiseless operation
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com