Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV704 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV704 Datasheet PDF - Texas Instruments
Part # TLV704
Download  TLV704 Download
File Size   1094.92 Kbytes
Page   23 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV704 24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators

TLV704 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV704 Datasheet PDF - Texas Instruments

Part # TLV704
Download  TLV704 Click to download

File Size   1094.92 Kbytes
Page   23 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV704 24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators

TLV704 Datasheet (HTML) - Texas Instruments


TLV704 Product details

1 Features
1• Wide Input Voltage Range: 2.5 V to 24 V
• Low 3.2-μA Quiescent Current
• Ground Pin Current: 3.4 μA at 100-mA IOUT
• Stable With a Low-ESR, 1-μF Typical Output
Capacitor
• Operating Junction Temperature:
–40°C to 125°C
• Available in SOT23-5 Package
– See Package Option Addendum at end of this
document for complete list of available voltage
options

2 Applications
• Ultralow Power Microcontrollers
• E-Meters
• Fire Alarms and Smoke Detector Systems
• Handset Peripherals
• Industrial and Automotive Applications
• Remote Controllers
• Zigbee® Networks
• Portable, Battery-Powered Equipment

3 Description
The TLV704 series of low-dropout (LDO) regulators
are ultralow quiescent current devices designed for extremely power-sensitive applications. Quiescent
current is virtually constant over the complete load
current and ambient temperature range. These
devices are an ideal power-management attachment
to low-power microcontrollers, such as the MSP430.
The TLV704 operates over a wide operating input
voltage of 2.5 V to 24 V. Thus, the device is an
excellent choice for both battery-powered systems as
well as industrial applications that undergo large line
transients.
The TLV704 is available in a 3-mm × 3-mm SOT23-5
package, which is ideal for cost-effective board manufacturing.




Similar Part No. - TLV704

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV704 TI-TLV704 Datasheet
890Kb / 22P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV704 TI1-TLV704 Datasheet
896Kb / 22P
Ultralow Power Microcontrollers
TLV704 TI-TLV704 Datasheet
4Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
More results


Similar Description - TLV704

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70130 TI1-TLV70130 Datasheet
592Kb / 13P
24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV70430 TI1-TLV70430 Datasheet
655Kb / 15P
24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
TLV70433PKR TI-TLV70433PKR Datasheet
797Kb / 15P
24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV701 TI-TLV701_15 Datasheet
524Kb / 14P
24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV701XX TI1-TLV701XX Datasheet
552Kb / 14P
24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV704 TI-TLV704_V02 Datasheet
4Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704_V03 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704_V04 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704_V05 Datasheet
6Mb / 30P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED MARCH 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com