Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV704 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV704 Datasheet PDF - Texas Instruments
Part # TLV704
Download  TLV704 Download
File Size   4380.44 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator

TLV704 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV704 Datasheet PDF - Texas Instruments

Part # TLV704
Download  TLV704 Click to download

File Size   4380.44 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator

TLV704 Datasheet (HTML) - Texas Instruments


TLV704 Product details

1 Features
• Input voltage range:
– 2.5 V to 24 V (30 V max for new chip only)
• Available output voltage options:
– Fixed: 1.8 V, 3 V, 3.3 V, 3.6 V, and 5 V
• Output current: Up to 150 mA
• Very low IQ: 3.4 μA at 100-mA load current
• Stable with output capacitor ≥ 0.47 μF
• Overcurrent protection
• Package: 5-pin SOT-23 (DBV)
• Operating junction temperature: –40°C to +125°C

2 Applications
• Home and building automation
• Retail automation and payment
• Grid infrastructure
• Medical applications
• Lighting applications

3 Description
The TLV704 low-dropout (LDO) linear voltage
regulator is a low quiescent current device that
offers the benefits of a wide input voltage range
and low-power operation in miniaturized packaging.
Thus, the TLV704 is designed for battery-powered
applications and as a power-management attachment
to low-power microcontrollers.
The TLV704 LDO supports a low dropout of typically
850 mV at 100 mA of load current. The low quiescent
current (3.4 μA typically) is stable over the entire
range of output load current (0 mA to 150 mA). The
TLV704 also features an internal soft-start to lower the
inrush current. The built-in overcurrent limit protection
helps protect the regulator in the event of a load short
or fault.
The TLV704 is available in a 2.90-mm × 1.60-mm
SOT23-5 package, which is useful for cost-effective
board manufacturing.




Similar Part No. - TLV704

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV704 TI-TLV704 Datasheet
890Kb / 22P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV704 TI1-TLV704 Datasheet
896Kb / 22P
Ultralow Power Microcontrollers
TLV704 TI-TLV704 Datasheet
1Mb / 23P
TLV704 24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
REVISED JANUARY 2015
TLV704 TI-TLV704 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
More results


Similar Description - TLV704

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715 TI-TPS715_V01 Datasheet
3Mb / 29P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
TPS715 TI-TPS715_V02 Datasheet
3Mb / 30P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704_V03 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704_V04 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV709 TI-TLV709 Datasheet
4Mb / 25P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
FEBRUARY 2023
TLV709 TI-TLV709_V01 Datasheet
4Mb / 28P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
FEBRUARY 2023
TLV701 TI-TLV701 Datasheet
4Mb / 29P
TLV701 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED APRIL 2023
TLV704 TI-TLV704_V05 Datasheet
6Mb / 30P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED MARCH 2023
TLV709 TI-TLV709_V02 Datasheet
4Mb / 30P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED MAY 2023
TLV709 TI1-TLV709_V03 Datasheet
4Mb / 31P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com