Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS1204RNQR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TMDS1204RNQR Datasheet PDF - Texas Instruments
Part # TMDS1204RNQR
Download  TMDS1204RNQR Download
File Size   2404.91 Kbytes
Page   75 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMDS1204 12-Gbps, DC or AC-Coupled to TMDS® and FRL HDMI™ Hybrid Redriver

TMDS1204RNQR Datasheet (PDF)

Go To PDF Page Download Datasheet
TMDS1204RNQR Datasheet PDF - Texas Instruments

Part # TMDS1204RNQR
Download  TMDS1204RNQR Click to download

File Size   2404.91 Kbytes
Page   75 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMDS1204 12-Gbps, DC or AC-Coupled to TMDS® and FRL HDMI™ Hybrid Redriver

TMDS1204RNQR Datasheet (HTML) - Texas Instruments


TMDS1204RNQR Product details

1 Features
• AC-coupled or DC-coupled input and output
supporting HDMI 2.1 data rates up to 12 Gbps
– Backwards compatible to HDMI 1.4b and HDMI
2.0b
– HDMI 2.1 fixed rate link (FRL) of 3, 6, 8, 10,
and 12 Gbps
– Supports HDMI 2.1 three and four lane FRL
• Optimized for HDMI sink applications
• Adaptive and fixed equalizer up to 12 dB at 6 GHz
• I2C or pin strap programmable
• Integrated HPD level shifter supporting both 1.8-V
and 3.3-V LVCMOS levels
• Full lane swap on main lanes
• Integrated fan-out buffer for applications which
require separate clock and data paths
• Signal detect output indicator
• Digital display control (DDC) snooping function for
link configuration
• Low power consumption:
– 12G FRL four lanes active limited: 575 mW
– 12 G FRL four lanes active linear: 220 mW
– Power down: 0.6 mW
• Available in commercial and industrial temperature
• Single 3.3-V power supply
• 40-pin, 0.4 mm pitch, 4 mm × 6 mm, WQFN
package

2 Applications
• Notebooks and desktops
• TV
• Home theater and entertainment
• Gaming systems
• Docking stations
• Pro audio, video, and signage

3 Description
The TMDS1204 is an HDMI 2.1 redriver supporting
data rates up to 12 Gbps. It is backwards
compatible for HDMI 1.4b and HDMI 2.0b. The
high-speed differential inputs and outputs can either
be AC-coupled or DC-coupled, which qualifies the
TMDS1204 to be used as a DP++ to HDMI level
shifter or HDMI redriver. The TMDS1204 can support
both 3 and 4 lane HDMI 2.1 FRL at 3, 6, 8, 10, and
12-Gbps.
The TMDS1204 is a hybrid redriver supporting both
source and sink applications. A hybrid redriver can
operate either in a linear or limited redriver function.
When configured as a limited redriver, the TMDS1204
differential output voltage levels are independent
of the graphics process unit (GPU) output levels
ensuring HDMI compliant levels at the receptacle.
The limited redriver mode is recommended for HDMI
source applications. When configured as a linear
redriver, the TMDS1204 differential output levels are
a linear function of the GPU output levels enabling
TMDS1204 to be transparent to link training and
operate as a channel shortener. Linear redriver mode
is recommended for HDMI sink applications.
The TMDS1204 has an integrated HPD level shifter.
The HPD level shifter will shift the 5-V HPD signal
to either 1.8-V or 3.3-V. The level shifter output
can also be configured for push, pull, or open-drain.
The integration of the level shifter eliminates discrete
solutions and thereby saves system cost.
The TMDS1204 supports single power supply rails
of 3.3-V on VCC and is offered in a commercial
temperature (TMDS1204) and industrial temperature
(TMDS1204I).




Similar Part No. - TMDS1204RNQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS141 TI-TMDS141 Datasheet
722Kb / 28P
HDMI HIDER
TMDS141 TI-TMDS141 Datasheet
502Kb / 25P
HDMI HIDER
TMDS141RHAR TI-TMDS141RHAR Datasheet
722Kb / 28P
HDMI HIDER
TMDS141RHAR TI-TMDS141RHAR Datasheet
502Kb / 25P
HDMI HIDER
TMDS141RHARG4 TI-TMDS141RHARG4 Datasheet
722Kb / 28P
HDMI HIDER
More results


Similar Description - TMDS1204RNQR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
HDMI/DVI TMDS Equalizer
REV. 0
logo
STMicroelectronics
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
21-Jul-2008
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
21-Jul-2008
STDVE103A STMICROELECTRONICS-STDVE103A Datasheet
685Kb / 43P
Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
21-Jul-2008
STHDLS101 STMICROELECTRONICS-STHDLS101 Datasheet
491Kb / 25P
AC coupled HDMI level shifter
01-Dec-2008
logo
Texas Instruments
TDP158 TI1-TDP158 Datasheet
1Mb / 55P
6-Gbps, AC-Coupled to TMDS or HDMI Redriver
logo
Analog Devices
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
HDMI/DVI TMDS Equalizer
6/2017-Rev. 0 to Rev. A
logo
Texas Instruments
TDP0604 TI-TDP0604 Datasheet
1Mb / 58P
TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
TDP0604 TI-TDP0604_V01 Datasheet
2Mb / 65P
TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
TDP1204 TI-TDP1204 Datasheet
2Mb / 79P
TDP1204 12-Gbps, DC/AC-Coupled to HDMI™ 2.1 Level Shifter Hybrid Redriver
JULY 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com