Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS715 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS715 Datasheet PDF - Texas Instruments
Part # TPS715
Download  TPS715 Download
File Size   3765.1 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator

TPS715 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS715 Datasheet PDF - Texas Instruments

Part # TPS715
Download  TPS715 Click to download

File Size   3765.1 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator

TPS715 Datasheet (HTML) - Texas Instruments


TPS715 Product details

1 Features
• Input voltage range: 2.5 V to 24 V (30 V max)
• Very low IQ: 3.2 μA at 50-mA load current
• Output current: Up to 50 mA
• Stable with output capacitor ≥ 0.47 μF
• Available output voltage options:
– Fixed: 1.8 V, 1.9 V, 2.3 V, 2.5 V, 3 V,
3.3 V, 3.45 V, 5 V
– Adjustable: 1.2 V to 15 V
• Overcurrent protection
• Package: 5-pin SC70 (DCK)
• Specified junction temperature: –40°C to +125°C
• For an 80-mA rated current and higher power
package, see the TPS715A

Applications
• Home and building automation
• Retail automation and payment
• Grid infrastructure
• Medical applications
• Lighting applications

2 Description
The TPS715 low-dropout (LDO) linear voltage
regulators are low quiescent current devices that
offer the benefits of a wide input voltage range and
low-power operation in miniaturized packaging. The
low dropout voltage and low quiescent current of
the TPS715 allows operation at extremely low power
levels. Thus, the TPS715 is designed for batterypowered
applications and as a power-management
attachment to low-power microcontrollers.
The TPS715 is available in both fixed and adjustable
versions. For more flexibility or higher output voltages,
the adjustable version uses feedback resistors to set
the output voltage from 1.205 V to 15 V. The TPS715
LDOs support a low dropout of typically 415 mV at
50 mA of load current. The low quiescent current
(3.2 μA typically) is stable over the entire range of
output load current (0 mA to 50 mA). The TPS715
also features an internal soft-start to lower the inrush
current. The built-in overcurrent limit helps protect the
regulator in the event of a load short or fault.




Similar Part No. - TPS715

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715 TI-TPS715 Datasheet
294Kb / 14P
50 mA, 24 V, 3.2 uA Supply Current Low-Dropout Linear Regulator
TPS715 TI1-TPS715 Datasheet
985Kb / 22P
50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715 TI-TPS715 Datasheet
1Mb / 20P
TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package
REVISED DECEMBER 2015
TPS715 TI-TPS715 Datasheet
3Mb / 30P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS715 TI1-TPS715 Datasheet
3Mb / 32P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
More results


Similar Description - TPS715

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV704 TI-TLV704_V02 Datasheet
4Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS715 TI-TPS715_V02 Datasheet
3Mb / 30P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704_V03 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS715 TI1-TPS715_V03 Datasheet
3Mb / 32P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704_V04 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV709 TI-TLV709 Datasheet
4Mb / 25P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
FEBRUARY 2023
TLV701 TI-TLV701 Datasheet
4Mb / 29P
TLV701 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED APRIL 2023
TLV704 TI-TLV704_V05 Datasheet
6Mb / 30P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED MARCH 2023
TLV709 TI-TLV709_V02 Datasheet
4Mb / 30P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED MAY 2023
TPS715A TI1-TPS715A Datasheet
6Mb / 39P
TPS715A 80-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com