Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS715 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS715 Datasheet PDF - Texas Instruments
Part # TPS715
Download  TPS715 Download
File Size   1168.35 Kbytes
Page   20 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package

TPS715 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS715 Datasheet PDF - Texas Instruments

Part # TPS715
Download  TPS715 Click to download

File Size   1168.35 Kbytes
Page   20 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package

TPS715 Datasheet (HTML) - Texas Instruments


TPS715 Product details

1 Features
1• Qualified for Automotive Applications
– Automotive Grade 1 (Q-temperature Range)
– Device HBM ESD Classification Level H2
– Device CDM ESD Classification Level C4B
• 24-V Maximum Input Voltage
• Low 3.2-μA Quiescent Current at 50 mA
• Stable With Any Capacitor (> 0.47 μF)
• 50-mA Low-Dropout Regulator
• Available in 2.5 V, 3 V, 3.3 V, 5 V, and Adjustable
(1.2 V to 15 V)
• Minimum and Maximum Specified Current Limit
• 5-Pin SC70 and SOT (DCK) Package
• –40°C to 125°C Specified Junction Temperature
Range

2 Applications
• Ultra-Low-Power Microcontrollers
• Cellular and Cordless Handsets
• Portable- and Battery-Powered Equipment

3 Description
The TPS715xx-Q1 low-dropout (LDO) voltage
regulators offer the benefits of high input voltage,
LDO voltage, low-power operation, and miniaturized
packaging. The devices, which operate over an input
range of 2.5 V to 24 V, are stable with any capacitor
(>0.47 μF). The LDO voltage and low quiescent
current allow operations at extremely low power
levels. Therefore, the devices are ideal for powering
battery-management ICs. Specifically, since the
devices are enabled as soon as the applied voltage
reaches the minimum input voltage, the output is
quickly available to power continuously operating
battery-charging ICs.
The usual PNP pass transistor has been replaced by
a PMOS pass element. Because the PMOS pass
element behaves as a low-value resistor, the LDO
voltage, typically 415 mV at 50 mA of load current, is
directly proportional to the load current. The low
quiescent current (3.2 μA typical) is stable over the
entire range of output load current (0 mA to 50 mA).




Similar Part No. - TPS715

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715 TI-TPS715 Datasheet
294Kb / 14P
50 mA, 24 V, 3.2 uA Supply Current Low-Dropout Linear Regulator
TPS715 TI1-TPS715 Datasheet
985Kb / 22P
50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715 TI-TPS715 Datasheet
3Mb / 29P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
TPS715 TI-TPS715 Datasheet
3Mb / 30P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS715 TI1-TPS715 Datasheet
3Mb / 32P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
More results


Similar Description - TPS715

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71501 TI-TPS71501 Datasheet
229Kb / 11P
50 mA, 24 V, 3.2U Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
231Kb / 11P
50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
TPS715XX TI-TPS715XX Datasheet
373Kb / 14P
50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715 TI-TPS715_15 Datasheet
921Kb / 21P
TPS715 50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1_15 Datasheet
811Kb / 16P
50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71530-Q1 TI-TPS71530-Q1_15 Datasheet
811Kb / 16P
50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS715 TI1-TPS715_17 Datasheet
985Kb / 22P
50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715 TI-TPS715_V01 Datasheet
3Mb / 29P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
TPS715 TI-TPS715_V02 Datasheet
3Mb / 30P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS715 TI1-TPS715_V03 Datasheet
3Mb / 32P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com